Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1282SJDJ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1282SJDJ
Descripción Electrónicos  High-Temperature High-Resolution Delta Sigma ADC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1282SJDJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1282SJDJ Datasheet HTML 4Page - Texas Instruments ADS1282SJDJ Datasheet HTML 5Page - Texas Instruments ADS1282SJDJ Datasheet HTML 6Page - Texas Instruments ADS1282SJDJ Datasheet HTML 7Page - Texas Instruments ADS1282SJDJ Datasheet HTML 8Page - Texas Instruments ADS1282SJDJ Datasheet HTML 9Page - Texas Instruments ADS1282SJDJ Datasheet HTML 10Page - Texas Instruments ADS1282SJDJ Datasheet HTML 11Page - Texas Instruments ADS1282SJDJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
8
ADS1282-HT
SBAS446H – DECEMBER 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS1282-HT
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limit specifications at –55°C to 210°C. Typical specifications at 25°C, AVDD = 2.5 V, AVSS = –2.5 V, ƒCLK
(1) = 4.096 MHz,
VREFP = 2.5 V, VREFN = –2.5 V, DVDD = 3.3 V, CAPN – CAPP = 10 nF, PGA = 1, and ƒDATA = 1000 SPS, unless otherwise
noted.
PARAMETER
TEST
CONDITIONS
TA = –55°C to 125°C
TA = 210°C
(2)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Power dissipation
High-resolution
mode
25
41
29.7
56.1
mW
Standby mode
0.58
1.1
16.9
21.6
mW
Power-down
mode
0.45
0.95
15.6
19.3
mW
(1)
ƒCLK = System clock
(2)
Minimum and maximum parameters are characterized for operation at TA = 175°C, but may not be production tested at that
temperature. Production test limits with statistical guardbands are used to ensure high temperature performance.
(3)
Input impedance is improved by disabling input chopping (CHOP bit = 0).
(4)
VIN = 20 mVDC / PGA, see Table 1.
(5)
VIN = 31.25 Hz, –0.5 dBFS.
7.5 Electrical Characteristics (PW Package)
Limit specifications at –55°C to 175°C. Typical specifications at 25°C, AVDD = 2.5 V, AVSS = –2.5 V, ƒCLK
(1) = 4.096 MHz, VREFP = 2.5 V,
VREFN = –2.5 V, DVDD = 3.3 V, CAPN – CAPP = 10 nF, PGA = 1, and ƒDATA = 1000 SPS, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA = –55°C to 125°C
TA = 175°C
(2)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG INPUTS
Full-scale input voltage
VIN = (AINP – AINN)
±VREF / (2 ×
PGA)
±VREF / (2 ×
PGA)
V
Absolute input range
AINP
or
AINN
AVSS + 0.7
AVDD –
1.25
AVSS + 0.7
AVDD –
1.25
V
PGA input voltage noise density
5
5
nV/
√Hz
Differential input impedance(3)
1
1
G
Common-mode input impedance
100
100
M
Input bias current
1
1000
nA
Crosstalk
f = 31.25 Hz
–128
–123
dB
MUX on-resistance
30
45
PGA OUTPUT (CAPP, CAPN)
Absolute output range
AVSS + 0.4
AVDD – 0.4
AVSS + 0.4
AVDD –
0.4
V
PGA differential output
impedance
600
600
Output impedance tolerance
±10%
±10%
External bypass capacitance
10
100
10
nF
Modulator differential input
impedance
55
55
k
AC PERFORMANCE
Signal-to-noise ratio(4)
SNR
112
124
112
122
dB
Total harmonic
distortion(5)
THD
PGA = 1...16
–122
–99
–112
–99
dB
PGA = 32
–117
–99
–106
–94
PGA = 64
–115
–102
Spurious-free dynamic
range
SFDR
123
dB
DC PERFORMANCE
Resolution
No missing codes
31
31
bits
Data rate
ƒDATA
FIR filter mode
250
4000
250
4000
SPS
Sinc filter mode
8000
128000
8000
128000
SPS


Número de pieza similar - ADS1282SJDJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1282SJDJ TI1-ADS1282SJDJ Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1282SJDJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1282-SP TI1-ADS1282-SP Datasheet
1Mb / 61P
[Old version datasheet]    Radiation Tolerant High-Resolution Delta Sigma ADC
ADS1285 TI-ADS1285 Datasheet
740Kb / 7P
[Old version datasheet]   ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications
MAY 2022
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
   24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com