Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IS61DDB42M18A Datasheet(PDF) 26 Page - Integrated Silicon Solution, Inc

No. de pieza IS61DDB42M18A
Descripción Electrónicos  Synchronous pipeline read with late write operation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISSI [Integrated Silicon Solution, Inc]
Página de inicio  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDB42M18A Datasheet(HTML) 26 Page - Integrated Silicon Solution, Inc

Back Button IS61DDB42M18A Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS61DDB42M18A Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS61DDB42M18A Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS61DDB42M18A Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS61DDB42M18A Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS61DDB42M18A Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS61DDB42M18A Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS61DDB42M18A Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS61DDB42M18A Datasheet HTML 30Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
IS61DDB42M18A
IS61DDB41M36A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. A
10/02/2014
26
JTAG AC Test Conditions
(Over the Operating Temperature Range, VDD=1.8V±5%, VDDQ=1.5V/1.8V)
Parameter
Symbol
Conditions
Units
Input Pulse High Level
VIH1
1.3
V
Input Pulse Low Level
VIL1
0.5
V
Input Rise Time
TR1
1.0
ns
Input Fall Time
TF1
1.0
ns
Input and Output Timing Reference Level
0.9
V
JTAG AC Characteristics
(Over the Operating Temperature Range, VDD=1.8V±5%, VDDQ=1.5V/1.8V)
Parameter
Symbol
Min
Max
Units
TCK cycle time
tTHTH
50
ns
TCK high pulse width
tTHTL
20
ns
TCK low pulse width
tTLTH
20
ns
TMS Setup
tMVTH
5
ns
TMS Hold
tTHMX
5
ns
TDI Setup
tDVTH
5
ns
TDI Hold
tTHDX
5
ns
Capture Setup
tCVTH
5
ns
Capture Hold
tTHCX
5
ns
TCK Low to Valid Data*
tTLOV
10
ns
TCK Low to Invalid Data*
tTLQX
0
ns
Note: See AC Test Loading(c)
JTAG Timing Diagram
TCK
TMS
tTHTH
tTHTL
tTLTH
tTHMX
tMVTH
TDI
TDO
tTLOV
tTHDX
tDVTH
tTLOX


Número de pieza similar - IS61DDB42M18A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Silicon Solu...
IS61DDB42M18 ISSI-IS61DDB42M18 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61DDB42M18-250M3 ISSI-IS61DDB42M18-250M3 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
More results

Descripción similar - IS61DDB42M18A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Silicon Solu...
IS61DDB44M18A ISSI-IS61DDB44M18A Datasheet
814Kb / 31P
   Synchronous pipeline read with late write operation
IS61QDB42M18A ISSI-IS61QDB42M18A Datasheet
798Kb / 30P
   Synchronous pipeline read with late write operation
IS66WVC4M16ALL ISSI-IS66WVC4M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
logo
Alliance Semiconductor ...
AS4C32M16MS-7BCN ALSC-AS4C32M16MS-7BCN Datasheet
3Mb / 48P
   Multiple Burst Read with Single Write Operation
logo
Integrated Silicon Solu...
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
logo
GSI Technology
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com