Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TMP303 Datasheet(Hoja de datos) 7 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TMP303
Descripción  Temperature Range Monitor In Micropackage
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 7 page
background image
300
250
200
150
100
50
0
-75
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
V =1.4V
S
I
=1mA
OH
300
250
200
150
100
50
0
-75
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
V =1.4V
S
I
=2mA
OL
Time(10ms/div)
OUT
V
S
7
TMP303
www.ti.com
SBOS486F – JULY 2009 – REVISED FEBRUARY 2016
Product Folder Links: TMP303
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At VS = 3.3 V and TA = 25°C, unless otherwise noted.
Figure 7. Power-Up, Trip, and Power-Down Response
Figure 8. Output Logic Level Low vs Temperature
Figure 9. Output Logic Level High vs Temperature




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl