Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1950A Datasheet(PDF) 10 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1950A
Descripción Electrónicos  SAW Filter 1960 MHz Band 2 Rx SMD 1.1x0.9 mm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1950A Datasheet(HTML) 10 Page - TAI-SAW TECHNOLOGY CO., LTD.

Back Button TA1950A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD. TA1950A Datasheet HTML 11Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
10
TST DCC
Release document
F. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION


Número de pieza similar - TA1950A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transko Electronics, In...
TA1950AM TRANSKO-TA1950AM Datasheet
428Kb / 4P
   WCDMA, RF-Tx SAW Filter
Revision 1: July 2011
More results

Descripción similar - TA1950A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1870D TAI-SAW-TA1870D Datasheet
428Kb / 9P
   SAW Filter 1960 MHz 60MHz BW Band 2 SMD 1.1x0.9 mm
TA1870DN TAI-SAW-TA1870DN Datasheet
333Kb / 8P
   SAW Filter 1960 MHz 60MHz BW Band 2 SMD 1.1x0.9 mm
TA1845DN1224 TAI-SAW-TA1845DN1224 Datasheet
470Kb / 9P
   SAW Filter 2140 MHz Band 1 Rx SMD 1.1x0.9 mm
TA1870A TAI-SAW-TA1870A Datasheet
609Kb / 10P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1x0.9 mm
TA1839A TAI-SAW-TA1839A Datasheet
543Kb / 9P
   SAW Filter 942.5 MHz Band 8 Rx SMD 1.1x0.9 mm (BW=35 MHz)
TA1898AC TAI-SAW-TA1898AC Datasheet
457Kb / 9P
   SAW Filter 788 MHz B28 Rx SMD 1.1x0.9 mm
TA1897AC TAI-SAW-TA1897AC Datasheet
457Kb / 9P
   SAW Filter 773 MHz B28 Rx SMD 1.1x0.9 mm
TA1847CC TAI-SAW-TA1847CC Datasheet
471Kb / 8P
   SAW Filter 2655 MHz B7 Rx SMD 1.1x0.9 mm
TA1898D TAI-SAW-TA1898D Datasheet
476Kb / 8P
   SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA1843DA TAI-SAW-TA1843DA Datasheet
785Kb / 8P
   SAW Rx Filter 1842.5 MHz LTE Band 3 SMD 1.1x0.9 mm (BW=75 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com