Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES5H Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza ES5H
Descripción Electrónicos  Surface Mount Superfast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ES5H Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  ES5H Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ES5H Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings and Electrical Characteristics Rating at 25 oC
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%
Type Number
Symbol
ES
A
ES
B
ES
C
ES
D
ES
F
ES
G
ES
H
ES
J
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method ) @TL = 100
oC
IFSM
1 0A
Maximum Instantaneous Forward
Voltage @ .0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current @ TA =25
oC
at Rated DC Blocking Voltage @ TA=100
oC
IR
10
500
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
nS
Typical Junction Capacitance ( Note 2 )
Cj
45
30
pF
Typical Thermal Resistance (Note 3)
RθJA
RθJL
47
12
oC /W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Units Mounted on P.C.B. with 0.6” x 0.6”(16mm x 16mm) Copper Pad Areas
Super fast switching time for high efficiency
Low forward voltage drop and
high current capability
Low reverse leakage current
Plastic material has UL flammability
classification 94V-0
ES5A-ES5J
Surface Mount Superfast Rectifiers


Número de pieza similar - ES5H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Juxing Electr...
ES5H JUXING-ES5H Datasheet
3Mb / 2P
   Surface Mount Superfast Rectifiers
logo
Yangzhou yangjie electr...
ES5H YANGJIE-ES5H Datasheet
233Kb / 4P
   Super Fast Recovery Rectifier Diode
ES5H YANGJIE-ES5H Datasheet
233Kb / 4P
   Super Fast Recovery Rectifier Diode
logo
Guangdong Juxing Electr...
ES5H JUXING-ES5H Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
logo
SAMYANG ELECTRONICS CO....
ES5H SAMYANG-ES5H Datasheet
1Mb / 3P
   SUPER FAST RECTIFIERS
More results

Descripción similar - ES5H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
   Surface Mount Superfast Rectifiers
logo
Guangdong Juxing Electr...
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
   Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
ES2AF JUXING-ES2AF Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
ES1A LEIDITECH-ES1A Datasheet
395Kb / 3P
   Surface Mount Superfast Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com