Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
POD3-J-DFS111 Datasheet(PDF) 1 Page - Hirose Electric |
|
POD3-J-DFS111 Datasheet(HTML) 1 Page - Hirose Electric |
1 / 4 page B23 Push-Pull Complete Locking Coaxial Connectors (PC Card Type 2 2 Mountable) POD3 Series sFeatures 1. Excellent push-pull complete locking method for ease of operation The connector coupling portion uses a Hirose Electric original push-pull complete locking system. 1) A sure lock is obtained by holding the connector outside tube portion and just giving it a light push. 2) Positive lock prevents easy disconnection. To remove the connector, just hold the connector outside tube portion and pull for a simple release of the lock sApplications Wireless LAN cards, GPS cards, and miniature wireless communications devices. sFunction Diagrams Jack Side sJack POD3-J-DFS111 sReceptacle POD3-R-1 sConversion Adapter (Coupling portion: SMA side jack - POD3 side jack) HRMJ-POD3J Plug Side sPlug Receptacle POD3-PR-1 sConversion Adapter (Coupling portion: SMA side jack - POD3 side plug) HRMJ-POD3P 2. Type II PC Card Mountable The receptacle thickness is 3.9 mm which permits mounting to the back side of a type II card. (Note) that at the time of card mounting, use of 0.3mm offset of the board mounting surface from the card center line will result in the same card center axis and connector center axis. 3. High Degree of Matching The top-touch system used for the coupling method achieves high frequency performance from 0 to 3 GHz with a V.S.W.R. of 1.3 or less. 4. Ultra-Miniature As a complete locking type, this series achieves a size reduction of approximately 50% in the direction of the diameter as compared to our original POD1 Series. 5. Accommodates Ultra-Fine Cable These connectors accommodate the use of ultra-fine coaxial Teflon cable which permits high-density wiring inside equipment. Ø1.48 (single-layer shielded cable) ....CO-6F FH-SB manufactured by Hitachi Cable, Ltd. ....DFS111-UL1979 manufactured by Junkosha Co., Ltd. Board Mounting Example |
Número de pieza similar - POD3-J-DFS111 |
|
Descripción similar - POD3-J-DFS111 |