Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
POD3-J-DFS111 Datasheet(PDF) 2 Page - Hirose Electric |
|
POD3-J-DFS111 Datasheet(HTML) 2 Page - Hirose Electric |
2 / 4 page B24 Item Specification Condition 1. Contact resistance Inner : 10 m ohms max. Outside : 5 m ohms max. 100 mA max. 2. Insulation resistance 500 M ohms min. 250 V DC 3. Withstanding voltage No flashover or insulation breakdown. 300 V AC / 1 minute 4. V.S.W.R.(*) 1.3 max. DC to 3 GHz 5. Female contact retention 0.2 N min. Measured with a Ø0.3 pin gauge 6. Insertion and withdrawal force (plug) 1.96 N min. With corresponding connector 7. Durability (Insertion/withdrawal) Contact resistance: Amount of change 10 m ohms max. 250 cycles 12. Salt spray No marked corrosion Exposed to density 5% salt water for 48 hours 8. Vibration No electrical discontinuity of 1µs or more No damage, cracks, or parts looseness. Frequency: 10 to 500 Hz, single amplitude of 0.75 mm or acceleration of 98 m/s2(peak), 2 hours in each of the 3 directions. 9. Shock No electrical discontinuity of 1µs or more No damage, cracks, or parts looseness. Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 10 cycles in each of the 3 axis 10. Humidity (Steady state) Insulation resistance 100 M ohms min. (at high humidity) 500 M ohms min. (when dry) No damage, cracks, or parts looseness. 240 hours at temperature of 25ç to 65ç and humidity of 90% to 96% 11. Temperature cycle No damage, cracks, or parts looseness. Temperature: -55°C ¡ 5 to 35°C ¡ 85°C ¡ 5 to 35°C Time: 30 min ¡ Within 5 min ¡ 30 min. ¡ Within 5 min Cycles: 5 s Product Specifications s Ordering Information sMaterials part Material Finish Body Brass/Phosphor bronze Gold and nickel plating/Gold plating Insulator PTFE —————— Female inner contact Beryllium copper Gold plating Male vinnerr contact Phosphor bronze Gold plating Spring coil Piano wire Nickel plating Heat-shrink tubing Polyolefin —————— POD3 – [ ] – [ ] qw e q Series name: POD3 w Connector types J : Jack R : Receptacle PR : Plug receptacle e Applicable cable or suffix DFS111: CO-6F FH-SB manufactured by Hitachi Cable, Ltd. DFS111-UL1979 manufactured by Junkosha Co., Ltd. Network Analyzer Test Set Test Port Test Port Cable D.U.T Termination *Voltage standing wave ratio (V.S.W.R.) measuring system. The above voltage standing wave ratio (V.S.W.R.) standard value is measured in the measuring system as shown below. Note1: The cable connector is measured with double ended 10cm cable assembly. Note2: The printed circuit board connector is mounted on the 50 ohms PCB, to which Hirose's adaptor is connected. Ratings Nominal characteristic impedance 50 ohms Voltage 100 V AC Frequency DC to 3 GHz Operating temperature -30C° to +85C° Operating humidity 95% max. |
Número de pieza similar - POD3-J-DFS111 |
|
Descripción similar - POD3-J-DFS111 |