Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5402 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza 1N5402
Descripción Electrónicos  3 Amp Rectifier 50 - 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

1N5402 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  1N5402 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 1N5402 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 1N5402 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N5400 thru 1N5408
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.5
1.0
1.5
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
2
2.5
3.0
Junction Capacitance - pF
versus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
°C


Número de pieza similar - 1N5402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N5402 TSC-1N5402 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N5402 YANGJIE-1N5402 Datasheet
210Kb / 4P
   General Purpose Rectifier
logo
Motorola, Inc
1N5402 MOTOROLA-1N5402 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Naina Semiconductor ltd...
1N5402 NAINA-1N5402 Datasheet
102Kb / 2P
   General Purpose Rectifier 3.0A
logo
MIC GROUP RECTIFIERS
1N5402 MIC-1N5402 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results

Descripción similar - 1N5402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
1N5400 MCC-1N5400 Datasheet
78Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
1N5400 MCC-1N5400_11 Datasheet
503Kb / 4P
   3 Amp Rectifier 50 - 1000 Volts
1N5400 MCC-1N5400_13 Datasheet
525Kb / 4P
   3 Amp Rectifier 50 - 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5400-DO27 YFWDIODE-1N5400-DO27 Datasheet
432Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
logo
Bruckewell Technology L...
KBP306 BWTECH-KBP306 Datasheet
132Kb / 2P
   3 Amp Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S3M-TP MCC-S3M-TP Datasheet
530Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
S3A MCC-S3A Datasheet
97Kb / 3P
   3 Amp Silicon Rectifier 50 to 1000 Volts
S3B-TP MCC-S3B-TP Datasheet
530Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
1N5400GP MCC-1N5400GP_11 Datasheet
445Kb / 4P
   3 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N5400GP MCC-1N5400GP_13 Datasheet
464Kb / 4P
   3 Amp Glass Passivated Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com