Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TM21R-5C-88-LP Datasheet(PDF) 2 Page - Hirose Electric |
|
TM21R-5C-88-LP Datasheet(HTML) 2 Page - Hirose Electric |
2 / 10 page 2 sOrdering information sProduct Specifications Ratings Current rating 1A Voltage rating 125 V AC Operating temperature range-25 ç to +80ç (Note) sMaterials Insulator Contact Optical pipe Shield PBT Copper alloy Poly carbonate Copper alloy Color: Black Contact area: Gold plating Termination area: Solder plating Color: Clear Tin plating UL94V-0 ------- ------- ------- Part Material Finish Remarks Note :Includes temperature rise caused by current flow. 100 V DC 500 V AC / one minute 1500 V AC / one minute 100mA DC 200 cycles Exposed to density 5% salt water for 48 hours 100 M ohms min No flashover or insulation breakdown No flashover or insulation breakdown 230 m ohms max. Contact resistance: 250m ohms max. Contact resistance: 250 m ohms max. (Temperature: -55 ç/+5ç to +35ç/+85ç/+5ç to +35ç Duration: 30 / 5 / 30 / 5 (Minutes) 5 cycles 01.Insulation resistance 02.Dielectric Withstanding Voltage (between adjacent contacts) 03.Withstanding voltage (between contact and shield) 04.Contact resistance 05.Vibration 06.Shock 07.Durability (mating/unmating) 08.Temperature cycle 09.Humidity 10.Salt Spray Item Specification Conditions No electrical discontinuity of 5 ms or more Contact resistance: 250m ohms max. Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis Contact resistance: 250 m ohms max. Insulation resistance: 100 M ohms min. Contact resistance: 250 m ohms max. Insulation resistance: 1 M ohms min. (High humidity) Insulation resistance: 10 M ohms min. (Dry state) 500 hours at temperature of 40 ç and humidity of 90% to 95% No electrical discontinuity of 5 ms or more Contact resistance: 250m ohms max. Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours / 3 axis q Series Name TM21 w Connector type R : Jack e Jack type number 5 : PCB Right-angle through hole type r Jack performance level code A : CAT5 (Single row, multi-port) B : CAT5 (Double row, multi port) C : Supports CAT5e (Single port) t Jack opening code 8 : 8 contacts 32 : 8 contacts /4 ports 48 : 8 contact/6 ports y Number of inserted contacts 8 : 8 contact 32 : 8 contact inserted in 4 ports=32 contacts 48 : 8 contact inserted in 6 ports=48 contacts u Number of rows Blank: Single row D: Double row i Optical pipe LP: With optical pipe inserted Blank: Without optical pipe TM21 R - 5 A - 32 32 D - LP 1 2 3 4 6 7 5 8 qJacks |
Número de pieza similar - TM21R-5C-88-LP |
|
Descripción similar - TM21R-5C-88-LP |