Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TM21R-5C-88-LP Datasheet(PDF) 4 Page - Hirose Electric |
|
TM21R-5C-88-LP Datasheet(HTML) 4 Page - Hirose Electric |
4 / 10 page 4 BRecommended PCB mounting patterns BPanel Cutout Other Series 8 7 6 5 4 3 2 1 TM21R Series 7 8 6 5 4 3 1 2 2.7MAX 1.5MAX LED light emitting center PCB mounting pattern Suggested LEDs 1 5 7 8 6 5 4 3 1 2 7 8 6 5 4 3 1 2 11.43 15.75 1.27 3.81 6.35 8.89 Contact No. No conductive traces Printed board edge Connector front edge 11.43MIN No ground traces LED location area 11.43 15.75 1.27 3.81 6.35 8.89 Contact No. No conductive traces Printed board edge Connector front edge 11.9 LED light emission area 11.43MIN No ground traces 2-Ø3.2 3 1 3 2 2 1 The contact arrangement differs between the contact area side and Printed board side. (1,2,3,4,5,6,7,8 on the contact are side / 2,1,3,4,5,6,8,7 on the printed board side) Areas indicated should be free of conductive traces. Area indicated should be free of ground traces. Recommended board thickness: 1.6mm. To assure that the indicator light pipes operates correctly the LED's must be installed directly on the PCB, within recommended dimensions and with light emitting center in upward direction. Contact applicable manufacturer for LED specification. 1 2 3 4 5 qWith Built-in Optical Pipe *Recommendations for PCB Design qFor Both Types, With and Without Built-in Optical Pipe The shield contacts should connect with the panel cut-out on all sides. 1 *Recommendations for Panel Design qWithout Optical Pipe 10.25 Lock lever 6.75 2.8 0 -0.8 (33) TM21P--88P Connector front surface 4.5 +1 -2 16.4 4.5MIN PCB mounting surface Panel side TM21R--5C--88--LP 1 1 1 |
Número de pieza similar - TM21R-5C-88-LP |
|
Descripción similar - TM21R-5C-88-LP |