Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TM21R-5C-88-LP Datasheet(PDF) 5 Page - Hirose Electric |
|
TM21R-5C-88-LP Datasheet(HTML) 5 Page - Hirose Electric |
5 / 10 page 5 Manufacturer Series Name Citizen Electronics Co., Ltd. Rohm Co., LTD Rohm Co., LTD CL-220 SML-010 SML-020 BRecommended PCB mounting patterns 4 LED location area 4-Ø2 4-Ø2 32-Ø1 Contact No. 2358 1467 2-Ø3.2 13.97 41.91 58.93 LED light emission area 53.81 Printed board edge Connector front edge 1.27 3.81 6.35 8.89 No conductive traces 4 1 2 4 SML-010 Series 10.9 1.6 SML-020 Series 10.4 0.6 2.7 11.9 CL-220 Series 1.2 1357 2468 2358 1467 Suggested LEDs 1 PCB mounting pattern LED Mount Area Dimensions sModular Receptacles Supporting CAT5 2.5 8.34 15.525 0.45 0.25 0.35 11.9 1.4 1 1 59.18 13.97 41.91 58.93 53.81 Contact No.1 Contact No.8 Contact No.2 Contact No.1 Contact No.8 Contact No.7 25.9 10.25 (6) (3.5) CL No. Part Number 222-2873-5 TM21R-5A-3232-LP The contact arrangement differs between the contact area side and Printed board side. (1,2,3,4,5,6,7,8 on the contact are side / 2,1,3,4,5,6,8,7 on the printed board side) Areas indicated should be free of conductive traces. Recommended board thickness: 1.6mm. To assure that the indicator light pipes operates correctly the LED’s must be installed directly on the PCB, within recommended dimensions and with light emitting center in upward direction. Contact applicable manufacturer for LED specification. 1 2 3 4 *Recommendations for PCB Design qSingle row/ multiple ports, with Built-in Optical Pipe |
Número de pieza similar - TM21R-5C-88-LP |
|
Descripción similar - TM21R-5C-88-LP |