Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC12441883 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADC12441883
Descripción Electrónicos  Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12441883 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC12441883 Datasheet HTML 6Page - National Semiconductor (TI) ADC12441883 Datasheet HTML 7Page - National Semiconductor (TI) ADC12441883 Datasheet HTML 8Page - National Semiconductor (TI) ADC12441883 Datasheet HTML 9Page - National Semiconductor (TI) ADC12441883 Datasheet HTML 10Page - National Semiconductor (TI) ADC12441883 Datasheet HTML 11Page - National Semiconductor (TI) ADC12441883 Datasheet HTML 12Page - National Semiconductor (TI) ADC12441883 Datasheet HTML 13Page - National Semiconductor (TI) ADC12441883 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
20 Functional Description (Continued)
Digital Control Inputs
AD Function
CS
WR
RD
CAL
AZ
1
1
1
Start Conversion without Auto-Zero
1
1
1
Read Conversion Result without Auto-Zero
1
1
0
Start Conversion with Auto-Zero
1
1
0
Read Conversion Result with Auto-Zero
1X
X
X
Start Calibration Cycle
0
X
1
0
X
Test Mode (DB2 DB3 DB5 and DB6 become active)
FIGURE 1 Function of the AD Control Inputs
The table in
Figure 1 summarizes the effect of the digital
control inputs on the function of the ADC12441 The Test
Mode where RD is high and CS and CAL are low is used
during manufacture to thoroughly check out the operation of
the ADC12441 Care should be taken not to inadvertently
be in this mode since DB2 DB3 DB5 and DB6 become
active outputs which may cause data bus contention
22 RESETTING THE AD
All internal logic can be reset which will abort any conver-
sion in process The AD is reset whenever a new conver-
sion is started by taking CS and WR low If this is done when
the analog input is being sampled or when EOC is low the
Auto-Cal correction factors may be corrupted therefore re-
quiring an Auto-Cal cycle before the next conversion This is
true with or without Auto-Zero The Calibration Cycle cannot
be reset once started On power-up the ADC12441 auto-
matically goes through a Calibration Cycle that takes typi-
cally 1396 clock cycles For reasons that will be discussed
in Section 37 a new calibration cycle needs to be started
after the completion of the automatic one
30 Analog Considerations
31 REFERENCE VOLTAGE
The voltage applied to the reference input of the converter
defines the voltage span of the analog input (the difference
between VIN and AGND) over which 4095 positive output
codes and 4096 negative output codes exist The A-to-D
can be used in either ratiometric or absolute reference ap-
plications The voltage source driving VREF must have a
very low output impedance and very low noise The circuit in
Figure 2a is an example of a very stable reference that is
appropriate for use with the ADC12441 The simple refer-
ence circuit of
Figure 2b may be used when the application
does not require low full scale errors
In a ratiometric system the analog input voltage is propor-
tional to the voltage used for the AD reference When this
voltage is the system power supply the VREF pin can be
tied to VCC This technique relaxes the stability requirement
of the system reference as the analog input and AD refer-
ence move together maintaining the same output code for
given input condition
TLH11017 – 19
Tantalum
Ceramic
FIGURE 2a Low Drift Extremely Stable Reference Circuit
TLH11017 – 20
Errors without any trims
25 C
b
40 Cto a85 C
Full Scale
g
0075%
g
02%
Zero
g
0024%
g
0024%
Linearity
g
LSB
g
LSB
FIGURE 2b Simple Reference Circuit
11


Número de pieza similar - ADC12441883

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MPS Industries, Inc.
ADC124 MPSIND-ADC124 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1241BIJ NSC-ADC1241BIJ Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1241CIJ NSC-ADC1241CIJ Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1241CMJ NSC-ADC1241CMJ Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
More results

Descripción similar - ADC12441883

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC12451 NSC-ADC12451 Datasheet
311Kb / 18P
   Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com