Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4052M96E4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD74HC4052M96E4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 45 page TG TG TG TG TG TG TG 3 A COMMON OUT/IN BINARY TO 1 OF 8 DECODER WITH ENABLE 11 10 9 6 E S2 S 1 S0 LOGIC LEVEL CONVERSION 8 7 GND VEE 16 VCC 13 14 15 12 1 5 2 4 A A A A A A A A 7 6 5 4 3 2 1 0 CHANNEL IN/OUT TG Product Folder Sample & Buy Technical Documents Tools & Software Support & Community CD54HC4051, CD74HC4051 CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052 CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053 SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015 CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers 1 Features 3 Description The CDx4HC405x and CDx4HCT405x devices are 1 • Wide Analog Input Voltage Range: ±5-V Maximum digitally controlled analog switches that use silicon • Low ON-Resistance gate CMOS technology to achieve operating speeds – 7- Ω Typical (VCC – VEE = 4.5 V) similar to LSTTL with the low-power consumption of standard CMOS integrated circuits. – 40- Ω Typical (VCC – VEE = 9 V) • Low Crosstalk Between Switches These analog multiplexers and demultiplexers control analog voltages that may vary across the voltage • Fast Switching and Propagation Speeds supply range (for example, VCC to VEE). They are • Break-Before-Make Switching bidirectional switches that allow any analog input to • Wide Operating Temperature Range: be used as an output and vice versa. The switches –55°C to +125°C have low ON resistance and low OFF leakages. In addition, all these devices have an enable control • CD54HC and CD74HC Types that, when high, disables all switches to their OFF – Operation Control Voltage: 2 V to 6 V state. – Switch Voltage: 0 V to 10 V Device Information(1) • CD54HCT and CD74HCT Types PART NUMBER PACKAGE BODY SIZE (NOM) – Operation Control Voltage: 4.5 V to 5.5 V CD54HCx405xF CDIP (16) 19.56 mm × 6.92 mm – Switch Voltage: 0 V to 10 V CD74HCx405xE PDIP (16) 19.30 mm × 6.35 mm – Direct LSTTL Input Logic Compatibility CD74HCx405xM SOIC (16) 9.90 mm × 3.91 mm VIL = 0.8-V Max, VIH = 2-V Min CD74HCx405xNS SOP (16) 10.30 mm × 5.30 mm – CMOS Input Compatibility CD74HCx405xPW TSSOP (16) 5.00 mm × 4.40 mm II ≤ 1 µA at VOL, VOH (1) For all available packages, see the orderable addendum at • On Products Compliant to MIL-PRF-38535, the end of the data sheet. All Parameters Are Tested Unless Otherwise Noted. On All Other Products, Production Functional Diagram of HC4051 and HCT4051 Processing Does Not Necessarily Include Testing of All Parameters. 2 Applications • Digital Radio • Signal Gating • Factory Automation • Televisions • Appliances • Programmable Logic Circuits • Sensors 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Número de pieza similar - CD74HC4052M96E4 |
|
Descripción similar - CD74HC4052M96E4 |