Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4053MT Datasheet(PDF) 6 Page - Texas Instruments |
|
|
CD74HC4053MT Datasheet(HTML) 6 Page - Texas Instruments |
6 / 45 page CD54HC4051, CD74HC4051 CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052 CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053 SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015 www.ti.com 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC – VEE DC supply voltage –0.5 10.5 V VCC DC supply voltage –0.5 7 V VEE DC supply voltage 0.5 –7 V IIK DC input diode current VI < – 0.5 V or VI > VCC + 0.5 V ±20 mA IOK DC switch diode current VI < VEE – 0.5 V or VI > VCC + 0.5 V ±20 mA DC switch current(2) VI > VEE – 0.5 V or VI < VCC + 0.5 V ±25 mA ICC DC VCC or ground current ±50 mA IEE DC VEE current –20 mA TJMAX Maximum junction temperature 150 °C TLMAX Maximum lead temperature Soldering 10 s 300 °C Tstg Storage temperature –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages referenced to GND unless otherwise specified. 6.2 ESD Ratings VALUE UNIT Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) ±500 V(ESD) Electrostatic discharge V Charged device model (CDM), per JEDEC specification JESD22-C101, all ±1000 pins(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) (1) MIN NOM MAX UNIT Supply voltage range CD54 and 74HC types 2 6 VCC (TA = full package temperature V CD54 and 74HCT types 4.5 5.5 range)(2) VCC – Supply voltage range CD54 and 74HC types, CD54 and 74HCT 2 10 V VEE (TA = full package temperature range) types (see Figure 1) Supply voltage range CD54 and 74HC types, CD54 and 74HCT VEE (TA = full package temperature 0 –6 V types (see Figure 2) range)(3) VI DC input control voltage GND VCC V VIS Analog switch I/O voltage VEE VCC V TA Operating temperature –55 125 °C 2 V 0 1000 tr, tf Input rise and fall times 4.5 V 0 500 ns 6 V 0 400 (1) For maximum reliability, nominal operating conditions must be selected so that operation is always within the ranges specified in the Recommended Operating Conditions table. (2) All voltages referenced to GND unless otherwise specified. (3) In certain applications, the external load resistor current may include both VCC and signal line components. To avoid drawing VCC current when switch current flows into the transmission gate inputs, the voltage drop across the bidirectional switch must not exceed 0.6 V (calculated from rON values shown in Electrical Specifications table). No VCC current will flow through RL if the switch current flows into terminal 3 on the HC and HCT4051; terminals 3 and 13 on the HC and HCT4052; terminals 4, 14, and 15 on the HC and HCT4053. 6 Submit Documentation Feedback Copyright © 1997–2015, Texas Instruments Incorporated Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052 CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053 |
Número de pieza similar - CD74HC4053MT |
|
Descripción similar - CD74HC4053MT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |