Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST002 Datasheet(PDF) 1 Page - Stanson Technology

No. de pieza ST002
Descripción Electrónicos  This high-density process is especially tailored to minimize on-state resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST002 Datasheet(HTML) 1 Page - Stanson Technology

  ST002 Datasheet HTML 1Page - Stanson Technology ST002 Datasheet HTML 2Page - Stanson Technology ST002 Datasheet HTML 3Page - Stanson Technology ST002 Datasheet HTML 4Page - Stanson Technology ST002 Datasheet HTML 5Page - Stanson Technology ST002 Datasheet HTML 6Page - Stanson Technology ST002 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ST1002
N Channel Enhancement Mode MOSFET
3.0A
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stnasontech.com
ST1002 2013 . V1
1
DESCRIPTION
The ST1002 is the N-Channel logic enhancement mode power field effect transistor is
produce using high cell density, DMOS trench technology.
This high-density process is especially tailored to minimize on-state resistance. These
device are particularly suited for low voltage application such as cellular phone and
notebook computer power management and other battery powered circuits where high
side switching
.
PIN CONFIGURATION
SOT-23-3L
1.Gate
2.Source
3.Drain
PART MARKING
SOT-23-3L
Y: Year Code
A: Produce Code
FEATURE
100V/3.0A, RDS(ON) = 135mΩ
@VGS = 10V
100V/2.5A, RDS(ON) = 140mΩ
@VGS = 4.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOT-23-3L package design
3
1
2
D
G
S
3
1
2
102YA


Número de pieza similar - ST002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
ST001BG1SPGF HONEYWELL-ST001BG1SPGF Datasheet
220Kb / 4P
   Amplified output whicheliminates the cost of external amplifiers
ST001PG1SPGF HONEYWELL-ST001PG1SPGF Datasheet
220Kb / 4P
   Amplified output whicheliminates the cost of external amplifiers
ST001PG1SPGF HONEYWELL-ST001PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST001PG1SPGF HONEYWELL-ST001PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST004BG1SPGF HONEYWELL-ST004BG1SPGF Datasheet
220Kb / 4P
   Amplified output whicheliminates the cost of external amplifiers
More results

Descripción similar - ST002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN DOINGTER SEMIC...
UPA2820T1S DOINGTER-UPA2820T1S Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT to minimize on-state resistance
AON7534 DOINGTER-AON7534 Datasheet
884Kb / 6P
   N-Channel MOSFET uses advanced SGT to minimize on-state resistance
MTB4D0N03BV8 DOINGTER-MTB4D0N03BV8 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced SGT to minimize on-state resistance
WSD3066DN DOINGTER-WSD3066DN Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced SGT to minimize on-state resistance
TPCC8062-H DOINGTER-TPCC8062-H Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench SGT to minimize on-state resistance
TPN11003NL DOINGTER-TPN11003NL Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology to minimize on-state resistance
logo
Texas Instruments
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4594 TI1-MAX4594_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4597 TI1-MAX4597_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
logo
SHENZHEN DOINGTER SEMIC...
ZC004TG DOINGTER-ZC004TG Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced SGT to minimize on-state reistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com