Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6139A2PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6139A2PWR
Descripción Electrónicos  25mW Headphone Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6139A2PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA6139A2PWR Datasheet HTML 3Page - Texas Instruments TPA6139A2PWR Datasheet HTML 4Page - Texas Instruments TPA6139A2PWR Datasheet HTML 5Page - Texas Instruments TPA6139A2PWR Datasheet HTML 6Page - Texas Instruments TPA6139A2PWR Datasheet HTML 7Page - Texas Instruments TPA6139A2PWR Datasheet HTML 8Page - Texas Instruments TPA6139A2PWR Datasheet HTML 9Page - Texas Instruments TPA6139A2PWR Datasheet HTML 10Page - Texas Instruments TPA6139A2PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
20
20k
100 200
1k
2k
10k
f - Frequency - Hz
100k 200k
22
20
18
16
14
12
10
8
6
4
2
0
-2
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100 200
500
1k
2k
5k
10k
f - Frequency - Hz
-2x gain
-4x gain
-10x gain
f - Frequency - Hz
–10
–20
–30
–40
–50
–70
+0
–80
–90
–100
–110
–120
–130
–60
5k
10k
15k
20k
0
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100 200
500
1k
2k
5k
10k
f - Frequency - Hz
Left to Right
Right to Left
25 mW into 32R
200m
3
300m
500m 700m
1
2
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
V
- Output Voltage - V
O
32R load
600R load
1m
100m
2m
5m
10m
20m
50m
P
- Output Power - W
O
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
In Phase
Out of Phase
7
TPA6139A2
www.ti.com
SLOS700C – JANUARY 2011 – REVISED APRIL 2016
Product Folder Links: TPA6139A2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.7 Typical Characteristics, Line Driver
VDD = 3.3 V, TA = 25°C, RL = 2.5 kΩ, CPUMP = C(VSS) = 10 µF, Gain Step = –2 V/V (unless otherwise noted)
3.3 V, 100 k
Ω, 1 kHz
Figure 1. THD+N vs Output Voltage
3.3 V, 600-
Ω load, 1 kHz
Figure 2. THD+N vs Output Voltage
3.3 V, 5-k
Ω load, 2 Vrms, Blue L to R, Red R to L
Figure 3. Channel Separation
Figure 4. FFT
Figure 5. Gain vs Frequency
Figure 6. Total Harmonic Distortion vs Frequency


Número de pieza similar - TPA6139A2PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6139A2PWR TI1-TPA6139A2PWR Datasheet
825Kb / 22P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
More results

Descripción similar - TPA6139A2PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
   25mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
logo
ON Semiconductor
NCP2817 ONSEMI-NCP2817 Datasheet
101Kb / 10P
   Headphone Amplifier
November, 2015 ??Rev. 0
logo
SG Micro Corp
SGM4809 SGMICRO-SGM4809 Datasheet
347Kb / 10P
   Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
ON Semiconductor
NCP2815 ONSEMI-NCP2815 Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com