Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4754A Datasheet(PDF) 2 Page - Suntan Capacitors

No. de pieza 1N4754A
Descripción Electrónicos  For use in stabilizing and clipping circuits with high
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAN [Suntan Capacitors]
Página de inicio  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

1N4754A Datasheet(HTML) 2 Page - Suntan Capacitors

  1N4754A Datasheet HTML 1Page - Suntan Capacitors 1N4754A Datasheet HTML 2Page - Suntan Capacitors 1N4754A Datasheet HTML 3Page - Suntan Capacitors 1N4754A Datasheet HTML 4Page - Suntan Capacitors 1N4754A Datasheet HTML 5Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Suntan
Silicon Planar Power Zener Diodes 1N4727A...1N4761A
Characteristics at Ta = 25℃
Zener Voltage Range 3)
Dynamic Resistance 1)
Reverse Current
Maximum Surge
Current 4)
Vznom
VZT
at IZT
ZZT
ZZk
at
IZK
IR
at VR
at Ta = 25℃
Maximum Regulator
Current 2)
TYPE
(V)
(V)
(mA)
Max. (Ω)
Max. (Ω)
(mA)
Max.(µA)
(V)
IZSM (mA)
IZM (mA)
1N4727A
3
2.85…3.15
83
10
400
1
150
1
1375
275
1N4728A
3.3
3.13…3.47
76
10
400
1
150
1
1375
275
1N4729A
3.6
3.42…3.78
69
10
400
1
100
1
1260
252
1N4730A
3.9
3.7…4.1
64
9
400
1
100
1
1190
234
1N4731A
4.3
4.08…4.52
58
9
400
1
50
1
1070
217
1N4732A
4.7
4.46…4.94
53
8
500
1
10
1
970
193
1N4733A
5.1
4.84…5.36
49
7
550
1
10
1
890
178
1N4734A
5.6
5.32…5.88
45
5
600
1
10
2
810
162
1N4735A
6.2
5.89…6.51
41
2
700
1
10
3
730
146
1N4736A
6.8
6.46…7.14
37
3.5
700
1
10
4
660
133
1N4737A
7.5
7.12…7.88
34
4
700
0.5
10
5
605
121
1N4738A
8.2
7.79…8.61
31
4.5
700
0.5
10
6
550
110
1N4739A
9.1
8.64…9.56
28
5
700
0.5
10
7
500
100
1N4740A
10
9.5…10.5
25
7
700
0.25
10
7.6
454
91
1N4741A
11
10.45…11.55
23
8
700
0.25
5
8.4
414
83
1N4742A
12
11.4…12.6
21
9
700
0.25
5
9.1
380
76
1N4743A
13
12.35…13.65
19
10
700
0.25
5
9.9
344
69
1N4744A
15
14.25…15.75
17
14
700
0.25
5
11.4
304
61
1N4745A
16
15.2…16.8
15.5
16
700
0.25
5
12.2
285
57
1N4746A
18
17.1…18.9
14
20
750
0.25
5
13.7
250
50
1N4747A
20
19…21
12.5
22
750
0.25
5
15.2
225
45
1N4748A
22
20.9…23.1
11.5
23
750
0.25
5
16.7
205
41
1N4749A
24
22.8…25.2
10.5
25
750
0.25
5
18.2
190
38
1N4750A
27
25.65…28.35
9.5
35
750
0.25
5
20.6
170
34
1N4751A
30
28.5…31.5
8.5
40
1000
0.25
5
22.8
150
30
1N4752A
33
31.35…34.65
7.5
45
1000
0.25
5
25.1
135
27
1N4753A
36
34.2…37.8
7
50
1000
0.25
5
27.4
125
25
1N4754A
39
37.05…40.95
6.5
60
1000
0.25
5
29.7
115
23
1N4755A
43
40.85…45.15
6
70
1500
0.25
5
32.7
110
22
1N4756A
47
44.65…49.35
5.5
80
1500
0.25
5
35.8
95
19
1N4757A
51
48.45…53.55
5
95
1500
0.25
5
38.8
90
18
1N4758A
56
53.2…58.8
4.5
110
2000
0.25
5
42.6
80
16
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Número de pieza similar - 1N4754A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chongqing Pingwei Enter...
1N4754A CHONGQING-1N4754A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
1N4754A VISHAY-1N4754A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4754A FAIRCHILD-1N4754A Datasheet
666Kb / 4P
   Zener Diodes
logo
Continental Device Indi...
1N4754A CDIL-1N4754A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4754A TSC-1N4754A Datasheet
217Kb / 7P
   1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
More results

Descripción similar - 1N4754A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
1N4727A LEIDITECH-1N4727A Datasheet
763Kb / 4P
   for use in stabilizing and clipping circuits with high power rating.
logo
Suntan Capacitors
ZM4728 SUNTAN-ZM4728 Datasheet
471Kb / 4P
   For use in stabilizing and clipping circuits with high power rating
logo
Shanghai Leiditech Elec...
ZM4721 LEIDITECH-ZM4721 Datasheet
791Kb / 3P
   for use in stabilizing and clipping circuits with high power rating.
logo
NXP Semiconductors
PF86 PHILIPS-PF86 Datasheet
134Kb / 5P
   PENTODE FOR USE IN TRANSITRON CIRCUITS
1.1.1960
logo
List of Unclassifed Man...
VCA7010VEA7506 ETC-VCA7010VEA7506 Datasheet
273Kb / 1P
   Video Equalizing Amplifier with Clipping and Clamping
logo
Toshiba Semiconductor
RN1544-A TOSHIBA-RN1544-A Datasheet
269Kb / 4P
   For use in Muting and Switching Applications
logo
Schurter Inc.
FPG7 SCHURTER-FPG7_15 Datasheet
247Kb / 2P
   Surface Mount Device with stabilizing Posts
logo
Gennum Corporation
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
   High Gain Class A Amplifier with Peak Clipping
logo
Amphenol Corporation
JW-13 AMPHENOL-JW-13 Datasheet
80Kb / 4P
   Suitable for use in conditions of high
logo
Sanyo Semicon Device
GMA01 SANYO-GMA01 Datasheet
50Kb / 2P
   Very High-Speed Switching, Bias Stabilizing Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com