Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC16061 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADC16061
Descripción Electrónicos  Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16061 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC16061 Datasheet HTML 1Page - National Semiconductor (TI) ADC16061 Datasheet HTML 2Page - National Semiconductor (TI) ADC16061 Datasheet HTML 3Page - National Semiconductor (TI) ADC16061 Datasheet HTML 4Page - National Semiconductor (TI) ADC16061 Datasheet HTML 5Page - National Semiconductor (TI) ADC16061 Datasheet HTML 6Page - National Semiconductor (TI) ADC16061 Datasheet HTML 7Page - National Semiconductor (TI) ADC16061 Datasheet HTML 8Page - National Semiconductor (TI) ADC16061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Digital I/O
10
CLOCK
Digital clock input. The input voltage is captured t
AD after the fall of
the clock signal. The range of frequencies for this input is 300 kHz
to 2.5 MHz. The clock frequency should not be changed or
interrupted during conversion or while reading data output.
11
CAL
CAL is a level-sensitive digital input that, when pulsed high for at
least two clock cycles, puts the ADC into the CALIBRATE mode.
Calibration should be performed upon ADC power-up (after
asserting a reset) and each time the temperature changes by more
than 50˚C since the ADC16061 was last calibrated. See Section
2.3 for more information.
40
RESET
RESET is a level-sensitive digital input that, when pulsed high for
at least 2 CLOCK cycles, results in the resetting of the ADC. This
reset pulse must be applied after ADC power-up, before
calibration.
18
RD
RD is the (READ) digital input that, when low, enables the output
data buffers. When this input pin is high, the output data bus is in
a high impedance state.
44
PD
PD is the Power Down input that, when low, puts the converter
into the power down mode. When this pin is high, the converter is
in the active mode.
17
EOC
EOC is a digital output that, when low, indicates the availability of
new conversion results at the data output pins.
21-32
35-38
D00-15
Digital data outputs that make up the 16-bit TRI-STATE conversion
results. D00 is the LSB, while D15 is the MSB (SIGN bit) of the
two’s complement output word.
Analog Power
6, 7,
45
V
A
Positive analog supply pins. These pins should be connected to a
clean, quiet +5V source and bypassed to AGND with 0.1 µF
monolithic capacitors in parallel with 10 µF capacitors, both located
within 1 cm of these power pins.
5, 8,
46
AGND
The ground return for the analog supply. AGND and DGND should
be connected together directly beneath the ADC16061 package.
See Section 5 (Layout and grounding) for more details).
www.national.com
4


Número de pieza similar - ADC16061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC16061 NSC-ADC16061 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061CCVT NSC-ADC16061CCVT Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061EVAL NSC-ADC16061EVAL Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
More results

Descripción similar - ADC16061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
   Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14161 NSC-ADC14161 Datasheet
471Kb / 20P
   Low-Distortion, Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com