Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSQ-5032SMD Datasheet(PDF) 1 Page - Suntan Capacitors

No. de pieza TSQ-5032SMD
Descripción Electrónicos  Low cost
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAN [Suntan Capacitors]
Página de inicio  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSQ-5032SMD Datasheet(HTML) 1 Page - Suntan Capacitors

  TSQ-5032SMD Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QUARTZ CRYSTAL – SMD 5032
Suntan®
TSQ-5032
FEATURES
· Low cost
· Wide frequency range
· Good aging
· Pb-free & RoHS Compliance
S
P
E
C
I
F
I
C
A
T
I
O
N
S
Holder Type
SMD5.0*3.2[Ceramic Surface Mount, 4 pad]
Frequency Range
10.000MHz – 150.000MHz
Operating Temperature Range
-10℃~+60℃ typical or custom-designed
Storage Temperature Range
-40℃~+85℃ typical
Drive Level
100uW typical
Load Capacitance
8pF-32pF or Series
Frequency Tolerance
±30ppm or custom-designed
Frequency Stability
±50ppm or custom-designed
Shunt Capacitance
7.0pF max
Insulation Resistance
500MΩmin.at DC 100V
Aging First Year
±5ppm max
EQUIVALENT SERIES RESISTANCE(ESR) AND MODE OF OPERATION
Frequency Range
ESR(Ω)
Mode
10.000~11.599M
80max
Fundamental
12.000~15.999M
60max
Fundamental
16.000~19.999M
50max
Fundamental
20.000~23.999M
40max
Fundamental
24.000~50.000M
30max
Fundamental
40.000~60.000M
100max
3rd Overtone
60.000~150.00M
80max
3rd Overtone
Mechanical Dimensions
Unit: mm
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Número de pieza similar - TSQ-5032SMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Suntan Capacitors
TSQ-3225SMD SUNTAN-TSQ-3225SMD Datasheet
279Kb / 1P
   Low cost
TSQ-HC49S SUNTAN-TSQ-HC49S Datasheet
243Kb / 1P
   Low cost
TSQ-HC49SMD SUNTAN-TSQ-HC49SMD Datasheet
226Kb / 1P
   Low cost
TSQ-HC49U SUNTAN-TSQ-HC49U Datasheet
316Kb / 1P
   Low cost
TSQ-OSC3225 SUNTAN-TSQ-OSC3225 Datasheet
117Kb / 1P
   Tight frequence tolerance
More results

Descripción similar - TSQ-5032SMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XFMRS Inc.
XF0010-HP XFMRS-XF0010-HP Datasheet
32Kb / 2P
   LOW COST
logo
CTS Corporation
744C083103JP CTS-744C083103JP Datasheet
182Kb / 4P
   Low Cost
logo
Recom International Pow...
RKE-H RECOM-RKE-H Datasheet
256Kb / 4P
   Low Cost
logo
Suntan Capacitors
TSQ-HC49SMD SUNTAN-TSQ-HC49SMD Datasheet
226Kb / 1P
   Low cost
logo
MAKO SEMICONDUCTOR CO.,...
ZMM2V4 MAKOSEMI-ZMM2V4 Datasheet
208Kb / 2P
   Low cost
logo
CTS Corporation
743C083103JP CTS-743C083103JP Datasheet
182Kb / 4P
   Low Cost
744C083104JP CTS-744C083104JP Datasheet
182Kb / 4P
   Low Cost
logo
Suntan Capacitors
TSQ-3225SMD SUNTAN-TSQ-3225SMD Datasheet
279Kb / 1P
   Low cost
logo
NXP Semiconductors
68HC705E1 NXP-68HC705E1 Datasheet
3Mb / 60P
   Low cost
REV 2.0
logo
Suntan Capacitors
TSQ-HC49U SUNTAN-TSQ-HC49U Datasheet
316Kb / 1P
   Low cost
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com