Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV21WS Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

No. de pieza BAV21WS
Descripción Electrónicos  SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OLITECH [Olitech Electronics Co.Ltd]
Página de inicio  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

BAV21WS Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  BAV21WS Datasheet HTML 1Page - Olitech Electronics Co.Ltd BAV21WS Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD-323
-
+
Page:P2-P1
Plastic-Encapsulate Diodes
SWITCHING DIODE
FEATURES
Low Reverse Current
Surface Mount Package Ideally Suited for Automatic Insertion
Fast Switching Speed
For General Purpose Switching Applications
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
Value
Symbol
Parameter
BAV19WS
BAV20WS BAV21WS
Unit
VRM
Non-Repetitive Peak Reverse Voltage
120
200
250
V
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
100
150
200
V
VR(RMS)
RMS Reverse Voltage
71
106
141
V
IO
Average Rectified Output Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current @ t=8.3ms
2.0
A
PD
Power Dissipation
500
mW
RΘJA
Thermal Resistance from Junction to Ambient
250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
VR=100V
BAV19WS
0.1
VR=150V
BAV20WS
0.1
Reverse current
IR
VR=200V
BAV21WS
0.1
uA
IF=100mA
1
Forward voltage
VF
IF=200mA
1.25
V
Total capacitance
Ctot
VR=0V,f=1MHz
5
pF
Reverse recovery time
trr
IF= IR =30mA, Irr=0.1*IR , RL=100Ω
50
ns
MARKING:
BAV19WS
BAV20WS
BAV21WS
A8
T 2
T3
T2
T3
A
8
The marking bar indicates the cathode
BAV19WS~BAV21WS
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.


Número de pieza similar - BAV21WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdiode Electronics ...
BAV21WS CHENDA-BAV21WS Datasheet
447Kb / 4P
   Silicon Epi taxial Planar Diode
logo
Pan Jit International I...
BAV21WS PANJIT-BAV21WS Datasheet
104Kb / 3P
   SURFACT MOUNT SWITCHING DIODES
logo
Micro Commercial Compon...
BAV21WS MCC-BAV21WS Datasheet
264Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
logo
Guangdong Kexin Industr...
BAV21WS KEXIN-BAV21WS Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
logo
Shanghai Leiditech Elec...
BAV21WS LEIDITECH-BAV21WS Datasheet
744Kb / 3P
   Fast Switching Speed Surface Mount Package Ideally Suited For Automatic Insertion
More results

Descripción similar - BAV21WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com