Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC161S626CIMM Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza ADC161S626CIMM
Descripción Electrónicos  16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC161S626CIMM Datasheet(HTML) 3 Page - Texas Instruments

  ADC161S626CIMM Datasheet HTML 1Page - Texas Instruments ADC161S626CIMM Datasheet HTML 2Page - Texas Instruments ADC161S626CIMM Datasheet HTML 3Page - Texas Instruments ADC161S626CIMM Datasheet HTML 4Page - Texas Instruments ADC161S626CIMM Datasheet HTML 5Page - Texas Instruments ADC161S626CIMM Datasheet HTML 6Page - Texas Instruments ADC161S626CIMM Datasheet HTML 7Page - Texas Instruments ADC161S626CIMM Datasheet HTML 8Page - Texas Instruments ADC161S626CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
4
5
6
7
8
9
10
SCLK
DOUT
GND
- IN
+IN
ADC161S626
CS
VREF
VA
VIO
GND
ADC161S626
www.ti.com
SNAS468D – SEPTEMBER 2008 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
10 Pins
VSSOP Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
Voltage Reference
1
VREF
I
0.5 V < VREF < VA
2
+IN
I
Non-Inverting Input
3
−IN
I
Inverting Input
4
GND
Power
Ground
5
GND
Power
Ground
6
CS
I
Chip Select Bar
7
DOUT
O
Serial Data Output
8
SCLK
I
Serial Clock
Digital Input/Output Power
9
VIO
Power
2.7 V < VREF < 5.5 V
Analog Power
10
VA
Power
4.5 V < VREF < 5.5 V
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
Analog Supply Voltage VA
−0.3
6.5
V
Digital I/O Supply Voltage VIO
−0.3
6.5
V
Voltage on Any Analog Input Pin to GND
−0.3
(VA + 0.3)
V
Voltage on Any Digital Input Pin to GND
−0.3
(VIO + 0.3)
V
Input Current at Any Pin(4)
–10
10
mA
Package Input Current(4)
–50
50
mA
Power Consumption at TA = 25°C
See (5)
Junction Temperature
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are measured with respect to GND = 0 V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
When the input voltage at any pin exceeds the power supplies (that is, VIN < GND or VIN > VA), the current at that pin should be limited
to 10 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 10 mA to five.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA)/θJA. The values for maximum power dissipation listed above will be reached only when the ADC161S626 is
operated in a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply
polarity is reversed). Such conditions should always be avoided.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC161S626


Número de pieza similar - ADC161S626CIMM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC161S626CIMM NSC-ADC161S626CIMM Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMM NSC-ADC161S626CIMM Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMME NSC-ADC161S626CIMME Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMMX NSC-ADC161S626CIMMX Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMMX NSC-ADC161S626CIMMX Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results

Descripción similar - ADC161S626CIMM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM73201 TI1-SM73201 Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Texas Instruments
SM73201 TI1-SM73201_13 Datasheet
1Mb / 28P
[Old version datasheet]   SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 TI1-ADC161S626_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Analog Devices
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com