Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC161S626CIMM Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza ADC161S626CIMM
Descripción Electrónicos  16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC161S626CIMM Datasheet(HTML) 4 Page - Texas Instruments

  ADC161S626CIMM Datasheet HTML 1Page - Texas Instruments ADC161S626CIMM Datasheet HTML 2Page - Texas Instruments ADC161S626CIMM Datasheet HTML 3Page - Texas Instruments ADC161S626CIMM Datasheet HTML 4Page - Texas Instruments ADC161S626CIMM Datasheet HTML 5Page - Texas Instruments ADC161S626CIMM Datasheet HTML 6Page - Texas Instruments ADC161S626CIMM Datasheet HTML 7Page - Texas Instruments ADC161S626CIMM Datasheet HTML 8Page - Texas Instruments ADC161S626CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ADC161S626
SNAS468D – SEPTEMBER 2008 – REVISED DECEMBER 2014
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
Charged-device model (CDM), per JEDEC specification JESD22-
±1250
V(ESD)
Electrostatic discharge
V
C101(2)
Machine model (MM)
250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Operating Temperature Range
−40
85
°C
Supply Voltage, VA
4.5
5.5
V
Supply Voltage, VIO
2.7
5.5
V
Reference Voltage, VREF
0.5
VA
V
Analog Input Pins Voltage Range
0
VA
V
Differential Analog Input Voltage
−VREF
+VREF
V
Input Common-Mode Voltage, VCM
See Figure 44
Digital Input Pins Voltage Range
0
VIO
V
Clock Frequency
1
5
MHz
(1)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
6.4 Thermal Information
ADC161S626
THERMAL METRIC(1)
DGS
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
163
RθJC(top)
Junction-to-case (top) thermal resistance
57
RθJB
Junction-to-board thermal resistance
82
°C/W
ψJT
Junction-to-top characterization parameter
6
ψJB
Junction-to-board characterization parameter
81
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: ADC161S626


Número de pieza similar - ADC161S626CIMM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC161S626CIMM NSC-ADC161S626CIMM Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMM NSC-ADC161S626CIMM Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMME NSC-ADC161S626CIMME Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMMX NSC-ADC161S626CIMMX Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626CIMMX NSC-ADC161S626CIMMX Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results

Descripción similar - ADC161S626CIMM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM73201 TI1-SM73201 Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Texas Instruments
SM73201 TI1-SM73201_13 Datasheet
1Mb / 28P
[Old version datasheet]   SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 TI1-ADC161S626_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Analog Devices
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com