Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1293 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1293
Descripción Electrónicos  Low-Power, 3-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1293 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1293 Datasheet HTML 1Page - Texas Instruments ADS1293 Datasheet HTML 2Page - Texas Instruments ADS1293 Datasheet HTML 3Page - Texas Instruments ADS1293 Datasheet HTML 4Page - Texas Instruments ADS1293 Datasheet HTML 5Page - Texas Instruments ADS1293 Datasheet HTML 6Page - Texas Instruments ADS1293 Datasheet HTML 7Page - Texas Instruments ADS1293 Datasheet HTML 8Page - Texas Instruments ADS1293 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
ADS1293
www.ti.com
SNAS602C – FEBRUARY 2013 – REVISED DECEMBER 2014
7.5 Electrical Characteristics
(1)
Unless otherwise noted, all limits are specified at TA = 25°C, 2.7 V ≤ VDD ≤ 5.5 V, 1.65 V ≤ VDDIO ≤ MIN(3.6 V, VDD), VREF
= 2.4 V, fOSC = 409.6 kHz, 1-µF low-ESR capacitor between CVREF and GND, 0.1-µF capacitor between RLDREF and GND.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
POWER SUPPLY (VDD, VDDIO)
VDD
Analog Supply Voltage
TMIN ≤ TA ≤ TMAX
2.7
5.5
V
Power-down mode
80
µA
TMIN ≤ TA ≤ TMAX
125
Standby mode
120
µA
TMIN ≤ TA ≤ TMAX
175
1 chan, WILSON OFF, RLD OFF, CMDET OFF,
205
LOD OFF, low-power
TMIN ≤ TA ≤ TMAX
290
1 chan, WILSON OFF, RLD OFF, CMDET OFF,
335
LOD OFF, high-res
TMIN ≤ TA ≤ TMAX
490
3 chan, WILSON OFF, RLD OFF, CMDET OFF,
IVDD
Analog Supply Current
350
LOD OFF, low-power
TMIN ≤ TA ≤ TMAX
520
µA
3 chan, WILSON ON, RLD ON, CMDET ON, LOD
440
ON, low-power, low cap-drive
TMIN ≤ TA ≤ TMAX
595
3 chan, WILSON ON, RLD ON, CMDET ON, LOD
835
ON, high-res, low cap-drive
TMIN ≤ TA ≤ TMAX
1120
3 chan, WILSON ON, RLD ON, CMDET ON, LOD
960
ON, high-res, high cap-drive
TMIN ≤ TA ≤ TMAX
1300
VDD > 3.6 V
1.65
3.6
V
TMIN ≤ TA ≤ TMAX
VDDIO
IO Supply Voltage
VDD
≤ 3.6 V
1.65
VDD
V
TMIN ≤ TA ≤ TMAX
IVDDIO
Quiescent Current IO Supply
0.6
µA
ANALOG INPUTS (IN1-IN6)
TA = 25°C, LOD OFF
–175
175
pA
IB
Input Bias Current
TA = 85°C, LOD OFF
–13
13
nA
TMIN ≤ TA ≤ TMAX
RIN
Differential Input Resistance
500
M
f = 400 MHz
92
dB
f = 900 MHz
107
dB
Electromagnetic Interference Rejection
EMIRR
Ratio, IN+, IN-, and VDD
f = 1.8 GHz
98
dB
f = 2.4 GHz
86
dB
(1)
Typical specifications are estimations only and are not ensured.
(2)
Datasheet min/max specification limits are specified by test, unless otherwise noted.
(3)
Typical values represent the most likely parameter norms at TA = 25°C and at the Recommended Operating Conditions at the time of
product characterization and are not ensured.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS1293


Número de pieza similar - ADS1293

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI1-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQ TI-ADS1293CISQ Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQ TI1-ADS1293CISQ Datasheet
1Mb / 75P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293CISQ/NOPB TI-ADS1293CISQ/NOPB Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
More results

Descripción similar - ADS1293

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI1-ADS1293_13 Datasheet
1Mb / 75P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1293 TI1-ADS1293_14 Datasheet
1Mb / 76P
[Old version datasheet]   ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com