Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7551ZTDRNRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC7551ZTDRNRQ1
Descripción Electrónicos  12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7551ZTDRNRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7551ZTDRNRQ1 Datasheet HTML 5Page - Texas Instruments DAC7551ZTDRNRQ1 Datasheet HTML 6Page - Texas Instruments DAC7551ZTDRNRQ1 Datasheet HTML 7Page - Texas Instruments DAC7551ZTDRNRQ1 Datasheet HTML 8Page - Texas Instruments DAC7551ZTDRNRQ1 Datasheet HTML 9Page - Texas Instruments DAC7551ZTDRNRQ1 Datasheet HTML 10Page - Texas Instruments DAC7551ZTDRNRQ1 Datasheet HTML 11Page - Texas Instruments DAC7551ZTDRNRQ1 Datasheet HTML 12Page - Texas Instruments DAC7551ZTDRNRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Digital Input Code
0
4
2
0
-2
-4
512
1024
1536
2048
2560
3072
3584
4096
5
4
3
2
1
0
Time (4 µs/div)
Current Consumption (µA)
117
124
131
138
145
152
159
166
173
2000
1500
1000
500
0
Digital Input Code
0
4
2
0
-2
-4
512
1024
1536
2048
2560
3072
3584
4096
V
= 5.5 V
DD
V
H = 4.096 V
REF
V
L = GND
REF
V
= 2.7 V
DD
V
H = 2.5 V
REF
V
L = GND
REF
1600
1200
800
400
0
0
1
2
3
4
5
V
(V)
LOGIC
Current Consumption (µA)
128
136
144
152
160
168
176
184
192
2000
1500
1000
500
0
DAC7551-Q1
www.ti.com
SLAS767B – JUNE 2011 – REVISED MARCH 2015
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
Digital input code = 2048
TA = 25°C
SCLK input
All other inputs = GND
VDD = 5.5 V
VREFH = 4.096 V
VREFL = GND
Figure 15. Histogram of Current Consumption, 5.5 V
Figure 14. Supply Current vs Logic Input Voltage
Digital input code = 2048
VDD = 5 V
VREFH = 4.096 V
VREFL = GND
VDD = 2.7 V
VREFH = 2.5 V
VREFL = GND
TA = 25°C
Figure 16. Histogram of Current Consumption, 2.7 V
Figure 17. Total Error, 5 V
Power-up code = 4000
VDD = 2.7 V
VREFH = 2.5 V
VREFL = GND
VDD = 5 V
VREFH = 4.096 V
VREFL = GND
TA = 25°C
Figure 18. Total Error, 2.7 V
Figure 19. Exiting Power-Down Mode
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC7551-Q1


Número de pieza similar - DAC7551ZTDRNRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551IDRNR TI-DAC7551IDRNR Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551IDRNR TI1-DAC7551IDRNR Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551IDRNRG4 TI1-DAC7551IDRNRG4 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7551ZTDRNRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com