Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N001-S01-BL Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

No. de pieza N001-S01-BL
Descripción Electrónicos  Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 1 ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N001-S01-BL Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N001-S01-BL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N001-S01-BL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cat5e 350 MHz Snagless Molded Slim UTP Patch
Cable (RJ45 M/M), Blue, 1 ft.
MODEL NUMBER: N001-S01-BL
Description
The N001-S01-BL Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable is perfect for connecting network components like printers, computers, copiers,
routers, servers, modems and switches in high-density data centers. Designed for fast transmission and excellent signal quality, this one-foot blue cable
ensures peak performance throughout your local area network (LAN).
Manufactured from 28 AWG copper wire, the four-pair stranded UTP N001-S01-BL delivers speeds up to 350 MHz/1 Gbps. Protected by a PVC jacket, this
cable is more than 25% smaller in diameter than standard Cat5e cable, which increases airflow in tight spaces and makes it easier to install around corners
and through cable management panels.
RJ45 male connectors guarantee an accurate signal transfer. The snagless design protects the locking tabs against being damaged or broken off during
installation. Integral strain relief ensures the cable and connectors last a long time.
Features
Perfect Solution for Your Networking Needs
Ideal for connecting components like printers, computers, copiers, routers, servers, modems and switches in high-density data centers
Designed for fast transmission and excellent signal quality
Ensures peak performance throughout your LAN
Delivers speeds up to 350 MHz/1 Gbps
Special Slim Design
More than 25% smaller in diameter than standard Cat5e cable
Increases airflow in tight spaces
Increased flexibility for installing around corners and through cable management panels
Premium Construction for Superior Performance
Made from 28 AWG copper wire
PVC 4-pair stranded UTP
Highlights
Over 25% slimmer than standard
Cat5e cables
Rated for 350 MHz/1 Gbps
communications
Snagless RJ45 male connectors
Easy to route through cable
management panels
High-quality 28 AWG stranded
copper wire
Package Includes
N001-S01-BL Cat5e 350 MHz
Snagless Molded Slim UTP
Patch Cable (M/M), 1 ft.
1 / 2


Número de pieza similar - N001-S01-BL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
N001-S02-BL TRIPPLITE-N001-S02-BL Datasheet
518Kb / 2P
   Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 2 ft.
N001-S03-BL TRIPPLITE-N001-S03-BL Datasheet
515Kb / 2P
   Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 3 ft.
N001-S04-BL TRIPPLITE-N001-S04-BL Datasheet
520Kb / 2P
   Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 4 ft.
N001-S05-BL TRIPPLITE-N001-S05-BL Datasheet
516Kb / 2P
   Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 5 ft.
N001-S06-BL TRIPPLITE-N001-S06-BL Datasheet
520Kb / 2P
   Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 6 ft.
More results

Descripción similar - N001-S01-BL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
N001-S04-BL TRIPPLITE-N001-S04-BL Datasheet
520Kb / 2P
   Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 4 ft.
N001-S06-BL TRIPPLITE-N001-S06-BL Datasheet
520Kb / 2P
   Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 6 ft.
N001-S02-BL TRIPPLITE-N001-S02-BL Datasheet
518Kb / 2P
   Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 2 ft.
N001-S03-BL TRIPPLITE-N001-S03-BL Datasheet
515Kb / 2P
   Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 3 ft.
N001-S05-BL TRIPPLITE-N001-S05-BL Datasheet
516Kb / 2P
   Cat5e 350 MHz Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 5 ft.
N002-075-BL TRIPPLITE-N002-075-BL Datasheet
171Kb / 3P
   Cat5e 350 MHz Molded UTP Patch Cable (RJ45 M/M), Blue, 75 ft.
N002-015-WH TRIPPLITE-N002-015-WH Datasheet
167Kb / 3P
   Cat5e 350 MHz Molded UTP Patch Cable (RJ45 M/M), White, 15 ft.
N201-S01-BL TRIPPLITE-N201-S01-BL Datasheet
490Kb / 2P
   Cat6 Gigabit Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 1 ft.
N001-001-BL TRIPPLITE-N001-001-BL Datasheet
479Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 1-ft.
N261-S01-BL TRIPPLITE-N261-S01-BL Datasheet
172Kb / 3P
   Cat6a Gigabit Snagless Molded Slim UTP Network Patch Cable (RJ45 M/M), Blue, 1 ft.
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com