Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U024-001-5P-PM Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

No. de pieza U024-001-5P-PM
Descripción Electrónicos  USB 2.0 Hi-Speed Panel Mount Cable, 5-Pin Motherboard IDC to USB Type-A (F/F), 1 ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U024-001-5P-PM Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U024-001-5P-PM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U024-001-5P-PM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
Cable Length (ft.)
1
Cable Length (m)
0.3
PHYSICAL
Color
Black
CONNECTIONS
Connector A
5 PIN IDC (FEMALE)
Connector B
USB A (FEMALE)
CERTIFICATIONS
Certifications
RoHS compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Número de pieza similar - U024-001-5P-PM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
U024-001-KPA-BK TRIPPLITE-U024-001-KPA-BK Datasheet
163Kb / 3P
   USB 2.0 All-in-One Keystone/Panel Mount Extension Cable (M/F), Angled Connector, 1 ft.
More results

Descripción similar - U024-001-5P-PM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
U024-003-5P-PM TRIPPLITE-U024-003-5P-PM Datasheet
502Kb / 2P
   USB 2.0 Hi-Speed Panel Mount Cable, 5-Pin Motherboard IDC to USB Type-A (F/F), 3 ft.
U024001PM TRIPPLITE-U024001PM Datasheet
489Kb / 2P
   USB 2.0 Hi-Speed Panel Mount Extension Cable (A to panel mount A M-F), 1-ft
U025001PM TRIPPLITE-U025001PM Datasheet
492Kb / 2P
   USB 2.0 Hi-Speed Panel Mount Extension Cable (B to Panel Mount B M-F), 1-ft
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
U024-006 TRIPPLITE-U024-006 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 6-ft.
U024003 TRIPPLITE-U024003 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 3-ft
U024006 TRIPPLITE-U024006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F), 6-ft
U024016 TRIPPLITE-U024016 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 16-ft
U026016 TRIPPLITE-U026016 Datasheet
553Kb / 2P
   USB 2.0 Hi-Speed Active Extension Cable (A M-F), 16-ft
U026-016 TRIPPLITE-U026-016 Datasheet
556Kb / 3P
   USB 2.0 Hi-Speed Active Extension Cable (A M/F) 16-ft.
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com