Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

9329 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de Pieza. 9329
Descripción  300V Power-Limited Tray Cables Overview
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

9329 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.49
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs
Lbs.
kg
Inch
mm
16 AWG Pairs Stranded (19x29) Tinned Copper Conductors • Twisted Pairs
Unshielded • PVC Insulation • Chrome PVC Jacket
9410
1
E2
U-500
U-152.4
18.5
8.4
.037
.94
.254
6.45
78
347
2.50
63.50
U-1000
U-304.8
36.0
16.3
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9316
1
E2
U-500
U-152.4
21.5
9.8
.037
.94
.256
6.50
90
400
2.50
63.50
U-1000
U-304.8
41.0
18.6
16 AWG Pairs Stranded (7x24) Bare Copper Conductors • Twisted Pairs
Unshielded • PVC Insulation • Black PVC Jacket (See chart below for other insulation and jacket options)
1035A
1
E1
1000
304.8
40.0
18.1
.037
.94
.254
6.45
71
318
2.50
63.50
10000
3048.0
400.0
181.4
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
1030A
1
E1
1000
304.8
46.0
20.9
.037
.94
.257
6.53
94
418
2.50
63.50
10000
3048.0
480.0
217.7
3043A
2
E1
Bulk ††
Bulk
.053
1.35
.437
11.10
83
369
4.50
114.30
1528A
3
E1
7500
2286.0
967.5
438.9
.053
1.35
.457
11.61
250
1112
4.75
120.65
1484A
4
E1
7500
2286.0
1200.0
544.8
.053
1.35
.495
12.57
330
1468
5.00
127.00
1485A
8
E1
7500
2286.0
2010.0
911.7
.053
1.35
.597
15.16
616
2740
6.00
152.40
1486A
12
E1
5000
1524.0
1965.0
892.1
.064
1.63
.741
18.80
892
3968
7.50
190.50
3050A
16
E1
Bulk ††
Bulk
.064
1.63
.831
21.10
661
2940
8.50
215.90
1489A
24
E1
1250
381.0
923.8
419.4
.074
1.88
1.032
26.20
1749
7780
10.50
266.70
1490A
36
E1
1250
381.0
1313.8
596.4
.074
1.88
1.178
29.80
2606
11592
11.75
298.45
3056A
50
E1
Bulk ††
Bulk
.088
2.24
1.550
39.37
3615
16082
15.50
393.70
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (Options below)
1492A
2
E1
7500
2286.0
885.0
401.8
.053
1.35
.450
11.43
232
1032
4.50
114.30
1493A
4
E1
7500
2286.0
1387.5
629.4
.055
1.40
.512
13.11
420
1868
5.00
127.00
1494A
8
E1
5000
1524.0
1640.0
743.9
.066
1.68
.687
17.50
795
3537
7.00
177.80
1495A
12
E1
2500
762.0
1202.5
545.5
.066
1.68
.822
20.73
1170
5205
8.25
209.55
3051A
16
E1
Bulk ††
Bulk
.074
1.88
.936
23.77
661
2940
10.00
254.00
1498A
24
E1
5000
1524.0
4340.0
1968.6
.074
1.88
1.149
29.18
2296
10214
11.50
292.10
1499A
36
E1
Bulk ††
Bulk
.084
2.13
1.334
33.88
3167
14088
13.50
342.90
3057A
50
E1
Bulk ††
Bulk
.088
2.24
1.600
40.64
2066
9190
16.00
406.40
E1, E2 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
Rip Cord
Communication Wire
Rip Cord
Rip Cord
Rip Cord
Rip Cord
Communication Wire
Drain Wires
Drain Wire
Drain Wire
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn