Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDI12-5-UD Datasheet(PDF) 4 Page - CUI INC

No. de pieza SDI12-5-UD
Descripción Electrónicos  AC-DC POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

SDI12-5-UD Datasheet(HTML) 4 Page - CUI INC

  SDI12-5-UD Datasheet HTML 1Page - CUI INC SDI12-5-UD Datasheet HTML 2Page - CUI INC SDI12-5-UD Datasheet HTML 3Page - CUI INC SDI12-5-UD Datasheet HTML 4Page - CUI INC SDI12-5-UD Datasheet HTML 5Page - CUI INC SDI12-5-UD Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 05/18/2016
│ page 4 of 6
CUI Inc
│ SERIES: SDI12-UD │ DESCRIPTION: AC-DC POWER SUPPLY
AC CORD
NORTH AMERICA
EUROPE
AUSTRALIA
UNITED KINGDOM
CHINA
units: mm
cord length
SOUTH KOREA
SOUTH AFRICA
BRAZIL
JAPAN
AC INPUT
CORD LENGTH
North America
1,830 mm ±50
Europe
1,830 mm ±50
UnitedKingdom
1,830 mm ±30
Australia
1,830 mm ±30
China
1,830 mm ±30
South Korea
1,830 mm ±50
Brazil
1,830 mm ±30
South Africa
1,830 mm ±50
Japan
1,830 mm ±50
Table 2
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Número de pieza similar - SDI12-5-UD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
SDI12-5-UD CUI-SDI12-5-UD Datasheet
544Kb / 6P
   AC-DC POWER SUPPLY
09/16/2021
More results

Descripción similar - SDI12-5-UD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com