Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4571BRZ-RL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADA4571BRZ-RL
Descripción Electrónicos  Integrated AMR Angle Sensor and Signal Conditioner
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4571BRZ-RL Datasheet(HTML) 4 Page - Analog Devices

  ADA4571BRZ-RL Datasheet HTML 1Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 2Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 3Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 4Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 5Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 6Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 7Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 8Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADA4571
Data Sheet
Rev. 0 | Page 4 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Power Supply Rejection3
PSRR
Measured as output variation from VDD/2,
VDD = 2.7 V to 5.5 V, RL = 200 kΩ to GND,
GC = GND or VDD
80
dB
Output Short-Circuit Current
ISC
Short to GND per pin (VSIN, VCOS)
15
20
mA
Short to VDD per pin (VSIN, VCOS)
−15
−18
mA
Sensitivity
SEN
α1 = 0°, α2 = 135°, TA = 25°C
52
mV/°
POWER SUPPLY
Supply Voltage
VDD
2.7
5.5
V
Quiescent Supply Current
ISY
PD = GND, GC = GND, no load
3.5
4.5
6.5
mA
PD = GND, GC = VDD, no load
7
mA
PD = VDD, no load
15
µA
Power-Up Time
tPWRUP
To 98% of desired output level after VDD was
reached
150
µs
To 98% of desired output level after PD cycling
100
µs
DIGITAL INPUTS
Input Bias Current (GC)
IB_GC
For GC mode control pin, GC = GND
30
µA
For GC mode control pin, GC = VDD
3
µA
Input Bias Current (PD)
IB_PD
For PD pin, PD = GND
3
µA
For PD pin, PD = VDD
30
µA
Input Voltage (GC and PD)
High
VIH
1.4
V
Low
VIL
0.35
V
TEMPERATURE SENSOR
Error Over Temperature
TERR
5
°C
Temperature Voltage Range
TRANGE
TA = −40°C to +150°C
0
82
% VDD
Temperature Coefficient
TCO
3.173
mV/V/°C
VTEMP Output Voltage
TA = 25°C
18
40
% VDD
VTEMP Output Impedance
Buffered output
50
Ω
VTEMP Load Capacitance
Optional load capacitance
0
22
nF
VTEMP Short-Circuit Current
ISC_VTEMP
Short-circuit to VDD or GND
2
mA
LOAD CAPACITOR
External Load Capacitance
CL
Between VSIN to GND and VCOS to GND;
solder close to package
10
nF
1
αUNCORR is the total mechanical angular error after arctan computation. This parameter is 100% production tested at 25°C and 150°C. This error includes all sources of
error over temperature before calibration. Error components such as offset, amplitude synchronism, amplitude synchronism drift, thermal offset drift, phase error,
hysteresis, orthogonality error, and noise are included.
2
αCAL is the total mechanical angular error after arctan computation. This error includes all sources of error over temperature after an initial offset (nulling) is performed
at TA = 25°C. Error components such as amplitude synchronism drift, amplifier gain matching, thermal offset drift, phase error, hysteresis, orthogonality error, and
noise are included.
3
Guaranteed through characterization.
4
αDYNAMIC is the total mechanical angular error after arctan computation. This parameter is 100% production tested. This error includes all sources of error over
temperature after a continuous background calibration is performed to correct offset and amplitude synchronism errors. Error components such as phase error,
hysteresis, orthogonality error, noise, and lifetime drift are included.
5
Peak-to-peak amplitude mismatch. k = 100 × VSIN/VCOS.
6
Rotation frequency dependent phase error, after offset correction, amplitude calibration, and arctan calculation.


Número de pieza similar - ADA4571BRZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
847Kb / 13P
   Customer supplied 6 V to 12 V bench supply
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
ADA4571-2 AD-ADA4571-2 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
ADA4571-2WHRZ-RL AD-ADA4571-2WHRZ-RL Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
ADA4571R-EBZ AD-ADA4571R-EBZ Datasheet
847Kb / 13P
   Customer supplied 6 V to 12 V bench supply
More results

Descripción similar - ADA4571BRZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
ADA4570 AD-ADA4570 Datasheet
1Mb / 14P
   Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
ADAF1080 AD-ADAF1080 Datasheet
1Mb / 36P
   Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
Rev. 0
EVAL-ADA4571-2 AD-EVAL-ADA4571-2 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com