Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSH13003H6D Datasheet(PDF) 1 Page - Nanjing International Group Co

No. de pieza CSH13003H6D
Descripción Electrónicos  power switching applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DGNJDZ [Nanjing International Group Co]
Página de inicio  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

CSH13003H6D Datasheet(HTML) 1 Page - Nanjing International Group Co

  CSH13003H6D Datasheet HTML 1Page - Nanjing International Group Co CSH13003H6D Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSH13003H6D TRANSISTOR (NPN)
FEATURES
· power switching applications
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current -Continuous
1.5
A
PC
Collector Power Dissipation
1.5
W
TJ
Junction
Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC =5mA, IE=0
700
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA, IB=0
400
V
Emitter-base breakdown voltage
V(BR)EBO
IE=2mA, IC=0
9
V
Collector cut-off current
ICBO
VCB=700V,IE=0
1
mA
Collector cut-off current
ICEO
VCE=400V,IB=0
0.5
mA
Emitter cut-off current
IEBO
VEB=9V, IC=0
1
mA
hFE1
VCE=5V, IC= 0.5 A
8
40
DC current gain
hFE2
VCE=5V, IC= 1.5A
5
Collector-emitter saturation voltage
VCE(sat)
IC=1A,IB=0.25A
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=1A,IB=0.25A
1.2
V
Transition frequency
fT
VCE=10V,Ic=100mA, f =1MHz
5
MHz
Fall time
tf
IC=1A, IB1=-IB2=0.2A, VCC=100V
0.5
µs
1 2 3
TO-126
1.BASE
2.COLLECTOR
3.EMITTER
Storage time
tS
IC=250mA (UI9600)
2
4
μs
CLASSIFICATION OF
hFE(1)
Range
10-15
15-20
20-25
25-30
30-35
35-40
CLASSIFICATION OF tS
Rank
A1
A2
B1
B2
Range
2-2.5 (μs )
2.5-3(μs )
3-3.5(μs )
3.5-4 (μs )
DONGGUAN NANJING ELECTRONICS LTD.,


Número de pieza similar - CSH13003H6D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
CSH136S FRONTIER-CSH136S Datasheet
121Kb / 5P
   Tape and Reel Specifications
More results

Descripción similar - CSH13003H6D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power switching applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1315 TOSHIBA-2SA1315_07 Datasheet
155Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SC3076 TOSHIBA-2SC3076_05 Datasheet
176Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SC3267 TOSHIBA-2SC3267_03 Datasheet
126Kb / 3P
   Power Amplifier Applications Power Switching Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com