Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC56-16PA Datasheet(PDF) 6 Page - Diodes Incorporated

No. de pieza BC56-16PA
Descripción Electrónicos  NPN MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC56-16PA Datasheet(HTML) 6 Page - Diodes Incorporated

  BC56-16PA Datasheet HTML 1Page - Diodes Incorporated BC56-16PA Datasheet HTML 2Page - Diodes Incorporated BC56-16PA Datasheet HTML 3Page - Diodes Incorporated BC56-16PA Datasheet HTML 4Page - Diodes Incorporated BC56-16PA Datasheet HTML 5Page - Diodes Incorporated BC56-16PA Datasheet HTML 6Page - Diodes Incorporated BC56-16PA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BC56-16PA
Datasheet Number: DS37784 Rev. 2 - 2
6 of 7
www.diodes.com
January 2016
© Diodes Incorporated
BC56-16PA
Package Outline Dimensions
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device Terminals and PCB tracking.
D
D2
E
e
b
E2
A
A1
A3
Seating Plane
L
e
E4
Z
D4
X
Y1
Y2
X1
C
Y
G
U-DFN2020-3
(Type B)
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0.00
0.05
0.02
A3
––
––
0.152
b
0.20
0.30
0.25
D
1.950
2.075
2.00
D2
1.22
1.42
1.32
D4
0.56
0.76
0.66
E
1.950
2.075
2.00
E2
0.79
0.99
0.89
E4
0.48
0.68
0.58
e
––
––
0.65
L
0.25
0.35
0.30
Z
––
––
0.225
All Dimensions in mm
Dimensions
Value
(in mm)
C
1.300
G
0.240
X
0.350
X1
1.520
X2
1.700
Y
0.500
Y1
0.470
Y2
1.090


Número de pieza similar - BC56-16PA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BC56-16PA NEXPERIA-BC56-16PA Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BC56-16PA NEXPERIA-BC56-16PA Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9 - 25 October 2011
BC56-16PA-Q NEXPERIA-BC56-16PA-Q Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 24 June 2022
BC56-16PAS NEXPERIA-BC56-16PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
BC56-16PAS NEXPERIA-BC56-16PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
More results

Descripción similar - BC56-16PA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Rohm
UMT4401 ROHM-UMT4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
   NPN MEDIUM POWER TRANSISTOR
October 2007 Rev 3
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
   NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
   Medium Power NPN Transistor
logo
Rohm
SST2222AHZG ROHM-SST2222AHZG Datasheet
1Mb / 8P
   NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
   NPN medium power transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com