Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SBW-5089Z Datasheet(PDF) 6 Page - RF Micro Devices

No. de pieza SBW-5089Z
Descripción Electrónicos  MMIC AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFMD [RF Micro Devices]
Página de inicio  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBW-5089Z Datasheet(HTML) 6 Page - RF Micro Devices

  SBW-5089Z Datasheet HTML 1Page - RF Micro Devices SBW-5089Z Datasheet HTML 2Page - RF Micro Devices SBW-5089Z Datasheet HTML 3Page - RF Micro Devices SBW-5089Z Datasheet HTML 4Page - RF Micro Devices SBW-5089Z Datasheet HTML 5Page - RF Micro Devices SBW-5089Z Datasheet HTML 6Page - RF Micro Devices SBW-5089Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of
7
DS150923
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBW-5089(Z)
Suggested Pad Layout
Notes:
1. Solder the copper pad on the backside of the device package to the ground plane.
2. Provide a large ground pad area under device pins 1, 2, 4, and 5 with many plated via holes as shown.
3. Dimensions given for 50
 I/O lines are for 31mil thick Getek. Scale accordingly for different board thicknesses and dielec-
tric contacts.
4. We recommend 1 or 2 ounce copper. Measurements for this data sheet were made on a 31mil thick Getek with 1 ounce
copper on both sides.
*Bias Resistance=RBIAS + RLDC=(VS-VD)/ID
Select RBIAS so that RBIAS + RLDC ~the recommended bias resistance. Use 1% or 5% tolerance resistors or parallel combinations to attain the recom-
mended bias resistance ±3%. RBIAS provides current stability over temperature.
*N/R=Not recommended. Contact RFMD technical support for guidance when available supply voltage is <7V.
Pin
Function
Description
1RF IN
RF input pin. This pin requires the use of an external DC-blocking capacitor chosen for the frequency of opera-
tion.
2, 4
GND
Connection to ground. Provide via holes as close to the device ground leads as possible to reduce ground induc-
tance and achieve RF performance.
3RF OUT/DC
BIAS
RF output and bias pin. This pin requires the use of an external DC-blocking capacitor chosen for the frequency
of operation.
PCB Pad Layout
Dimensions in inches [millimeters]


Número de pieza similar - SBW-5089Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIRENZA MICRODEVICES
SBW-5089Z SIRENZA-SBW-5089Z Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBW-5089Z RFMD-SBW-5089Z Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results

Descripción similar - SBW-5089Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
   MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
   MMIC Amplifier
April 2017
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
   MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
   MMIC Amplifier
February 2017
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
   MMIC Amplifier
August, 2013
logo
Advanced Semiconductor ...
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
   MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
   MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
   MMIC Amplifier
April 20173
AST11L ASB-AST11L_17 Datasheet
496Kb / 8P
   MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com