Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7981HRMZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD7981HRMZ
Descripción Electrónicos  High Temperature, 16-Bit, 600 kSPS PulSAR ADC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7981HRMZ Datasheet(HTML) 1 Page - Analog Devices

  AD7981HRMZ Datasheet HTML 1Page - Analog Devices AD7981HRMZ Datasheet HTML 2Page - Analog Devices AD7981HRMZ Datasheet HTML 3Page - Analog Devices AD7981HRMZ Datasheet HTML 4Page - Analog Devices AD7981HRMZ Datasheet HTML 5Page - Analog Devices AD7981HRMZ Datasheet HTML 6Page - Analog Devices AD7981HRMZ Datasheet HTML 7Page - Analog Devices AD7981HRMZ Datasheet HTML 8Page - Analog Devices AD7981HRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
High Temperature, 16-Bit,
600 kSPS PulSAR® ADC
Data Sheet
AD7981
FEATURES
Extreme high temperature operation
Specified temperature range: −55°C to +175°C
High performance
16-bit resolution with no missing codes
600 kSPS throughput with no latency/pipeline delay
SNR: 91 dB typical at 1 kHz input frequency
THD: −102 dB typical at 1 kHz input frequency
INL: ±2.0 LSB maximum, DNL: ±0.9 LSB maximum
Low power dissipation
2.25 mW typical at 600 kSPS (VDD only)
4.65 mW typical at 600 kSPS (total)
70 µW typical at 10 kSPS
Small footprint
10-lead, 3 mm × 5 mm, monometallic wire bonding MSOP
Pseudo differential analog input range
0 V to VREF with VREF between 2.4 V and 5.1 V
Easy to use
Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V logic
interface
SPI-/QSPI-/MICROWIRE-/DSP-compatible digital interface
Daisy-chain multiple ADCs and busy indicator
APPLICATIONS
Downhole drilling and instrumentation
Avionics
Heavy industrial
High temperature environments
TYPICAL APPLICATION CIRCUIT
AD7981
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
1.8V TO 5.0V
3- OR 4-WIRE INTERFACE
(SPI, DAISY CHAIN, CS)
2.5V to 5.0V
2.5V
0V TO VREF
Figure 1.
GENERAL DESCRIPTION
The AD79811 is a 16-bit, successive approximation, analog-to-
digital converter (ADC) designed for high temperature operation.
The AD7981 is capable of sample rates up to 600 kSPS while
maintaining low power consumption from a single power supply,
VDD. It is a fast throughput, high accuracy, high temperature,
successive approximation register (SAR) ADC and packaged in
a small form factor with a versatile serial port interface (SPI).
On the CNV rising edge, the AD7981 samples an analog input,
IN+, between 0 V and REF with respect to a ground sense, IN−.
The reference voltage, REF, is applied externally and can be set
independent of the supply voltage, VDD. The device power
scales linearly with throughput.
The SPI-compatible serial interface also features the ability,
using the SDI input, to daisy-chain several ADCs on a single,
3-wire bus and provides an optional busy indicator. It is compatible
with 1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate supply VIO.
For space constrained applications, the AD7981 is available in a
10-lead mini small outline package (MSOP) with operation
specified from −55°C to +175°C. This package is designed for
robustness at extreme temperatures, including monometallic
wire bonding, and is qualified for up to 1000 hours of operation
at the maximum temperature rating.
The AD7981 is a member of a growing series of high temperature
qualified products offered by Analog Devices, Inc. For a complete
selection of available high temperature products, see the high
temperature product list and qualification data available at
www.analog.com/hightemp.
1
Protected by U.S. Patent 6,703,961.
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Número de pieza similar - AD7981HRMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7981HRMZ AD-AD7981HRMZ Datasheet
1Mb / 26P
   High Temperature, 16-Bit, 600 kSPS PulSAR ADC
More results

Descripción similar - AD7981HRMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7981 AD-AD7981_17 Datasheet
1Mb / 26P
   High Temperature, 16-Bit, 600 kSPS PulSAR ADC
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com