Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7989-1BCPZ-RL7 Datasheet(PDF) 23 Page - Analog Devices

No. de pieza AD7989-1BCPZ-RL7
Descripción Electrónicos  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7989-1BCPZ-RL7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7989-1BCPZ-RL7 Datasheet HTML 16Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 17Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 18Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 19Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 20Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 21Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 22Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 23Page - Analog Devices AD7989-1BCPZ-RL7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
ORDERING GUIDE
Model1, 2, 3
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
Branding
AD7989-1BRMZ
−40°C to +85°C
10-Lead MSOP, Tube
RM-10
50
C76
AD7989-1BRMZ-RL7
−40°C to +85°C
10-Lead MSOP, 7”Tape and Reel
RM-10
1,000
C76
AD7989-1BCPZ-RL7
−40°C to +85°C
10-Lead LFCSP_WD, 7”Tape and Reel
CP-10-9
1,500
C80
AD7989-1BCPZ-R2
−40°C to +85°C
10-Lead LFCSP_WD
CP-10-9
250
C80
AD7989-5BRMZ
−40°C to +85°C
10-Lead MSOP, Tube
RM-10
50
C7N
AD7989-5BRMZ-RL7
−40°C to +85°C
10-Lead MSOP, 7”Tape and Reel
RM-10
1,000
C7N
AD7989-5BCPZ-RL7
−40°C to +85°C
10-Lead LFCSP_WD, 7”Tape and Reel
CP-10-9
1,500
C7Y
AD7989-5BCPZ-R2
−40°C to +85°C
10-Lead LFCSP_WD
CP-10-9
250
C7Y
EVAL-AD7989-5SDZ
Evaluation Board with AD7989-5 Populated; Use for
Evaluation of Both AD7989-1 and AD7989-5
EVAL-SDP-CB1Z
System Demonstration Board, Used as a Controller
Board for Data Transfer via USB Interface to PC
1
Z = RoHS Compliant Part.
2
The EVAL-AD7989-5SDZ board can be used as a standalone evaluation board or in conjunction with the EVAL-SDP-CB1Z for evaluation/demonstration purposes.
3
The EVAL-SDP-CB1Z board allows a PC to control and communicate with all Analog Devices, Inc., evaluation boards ending in the SD designator.
Rev. A | Page 23 of 24


Número de pieza similar - AD7989-1BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD7989-1BCPZ-RL7 ETC2-AD7989-1BCPZ-RL7 Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1BCPZ-RL7 AD-AD7989-1BCPZ-RL7 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
More results

Descripción similar - AD7989-1BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946BRMZ AD-AD7946BRMZ Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com