Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9691BCPZ-1250 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD9691BCPZ-1250
Descripción Electrónicos  14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9691BCPZ-1250 Datasheet(HTML) 5 Page - Analog Devices

  AD9691BCPZ-1250 Datasheet HTML 1Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 2Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 3Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 4Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 5Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 6Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 7Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 8Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
Data Sheet
AD9691
Rev. 0 | Page 5 of 72
Parameter1
Temperature
Min
Typ
Max
Unit
WORST HARMONIC, SECOND OR THIRD3
fIN = 10 MHz
25°C
−87
dBFS
fIN = 170 MHz
Full
−84
−72
dBFS
fIN = 340 MHz
25°C
−77
dBFS
fIN = 450 MHz
25°C
−72
dBFS
fIN = 750 MHz
25°C
−73
dBFS
fIN = 985 MHz
25°C
−72
dBFS
fIN = 1205 MHz
25°C
−66
dBFS
fIN = 1600 MHz
25°C
−66
dBFS
fIN = 1950 MHz
25°C
−69
dBFS
WORST OTHER, EXCLUDING SECOND OR THIRD HARMONIC3
fIN = 10 MHz
25°C
−93
dBFS
fIN = 170 MHz
Full
−81
−76
dBFS
fIN = 340 MHz
25°C
−79
dBFS
fIN = 450 MHz
25°C
−81
dBFS
fIN = 750 MHz
25°C
−77
dBFS
fIN = 985 MHz
25°C
−76
dBFS
fIN = 1205 MHz
25°C
−72
dBFS
fIN = 1600 MHz
25°C
−72
dBFS
fIN = 1950 MHz
25°C
−73
dBFS
TWO-TONE INTERMODULATION DISTORTION (IMD), AIN1 AND AIN2 = −7 dBFS
fIN1 = 185 MHz, fIN2 = 188 MHz, Buffer Current Setting = 3.5×
25°C
82
dBFS
fIN1 = 449 MHz, fIN2 = 452 MHz, Buffer Current Setting = 6.5×
25°C
78
dBFS
CHANNEL ISOLATION/CROSSTALK4
25°C
95
dB
FULL POWER BANDWIDTH5
25°C
1.5
GHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Noise density is measured at a low analog input frequency (30 MHz).
3
See Table 10 for the recommended settings for full-scale voltage and buffer current control.
4
Crosstalk is measured at 170 MHz with a −1.0 dBFS analog input on one channel and no input on the adjacent channel.
5
Measured with the circuit shown in Figure 41.
DIGITAL SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.50 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate (1250 MSPS), 1.58 V p-p full-scale differential input, AIN = −1.0 dBFS, clock divider = 2, default SPI settings,
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Temperature
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
Full
LVDS/LVPECL
Differential Input Voltage
Full
600
1200
1800
mV p-p
Input Common-Mode Voltage
Full
0.85
V
Input Resistance (Differential)
Full
35
Input Capacitance
Full
2.5
pF
SYSTEM REFERENCE INPUTS (SYSREF+, SYSREF−)
Logic Compliance
Full
LVDS/LVPECL
Differential Input Voltage
Full
400
1200
1800
mV p-p
Input Common-Mode Voltage
Full
0.6
0.85
2.0
V
Input Resistance (Differential)
Full
35
Input Capacitance (Differential)
Full
2.5
pF


Número de pieza similar - AD9691BCPZ-1250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9691BCPZ-1250 AD-AD9691BCPZ-1250 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
More results

Descripción similar - AD9691BCPZ-1250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
AD9684 AD-AD9684 Datasheet
1Mb / 64P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
   12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. 0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com