Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1270CP-EVALZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADM1270CP-EVALZ
Descripción Electrónicos  High Voltage Input Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1270CP-EVALZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1270CP-EVALZ Datasheet HTML 6Page - Analog Devices ADM1270CP-EVALZ Datasheet HTML 7Page - Analog Devices ADM1270CP-EVALZ Datasheet HTML 8Page - Analog Devices ADM1270CP-EVALZ Datasheet HTML 9Page - Analog Devices ADM1270CP-EVALZ Datasheet HTML 10Page - Analog Devices ADM1270CP-EVALZ Datasheet HTML 11Page - Analog Devices ADM1270CP-EVALZ Datasheet HTML 12Page - Analog Devices ADM1270CP-EVALZ Datasheet HTML 13Page - Analog Devices ADM1270CP-EVALZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADM1270
Data Sheet
Rev. A | Page 10 of 21
0
2
4
6
8
10
12
14
16
18
20
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
VIN = 4.5V
VIN = 6V
VIN = 10V
Figure 10. VVCAP Overcurrent (OC) Threshold vs. Temperature,
Different Input Voltages
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.4
12.6
12.8
13.0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VIN = 14V
VIN = 25V
VIN = 50V
Figure 11. GATE Voltage (VGATE) vs. Temperature, Different Input Voltages
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.4
12.6
12.8
13.0
VIN = 14V
VIN = 25V
VIN = 50V
Figure 12. RPFG Voltage (VRPFG) vs. Temperature, Different Input Voltages
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
VIN = 14V
VIN = 25V
VIN = 50V
Figure 13. RPFG Pull-Down Current (IRPFGND) vs. Temperature,
Different Input Voltages
0.045
0.050
0.055
0.060
0.065
0.070
2.50
2.52
2.54
2.56
2.58
2.60
2.62
2.64
2.66
2.68
2.70
VISET (V)
4V
25V
50V
Figure 14. Current Sense Voltage vs. ISET Voltage (VISET),
Different Input Voltages
2.50
2.55
2.60
2.65
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 15. Reference Select Threshold Voltage (VISETRSTH) vs. Temperature,
VIN = 4 V


Número de pieza similar - ADM1270CP-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1272-1ACPZ AD-ADM1272-1ACPZ Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1272-1ACPZ-RL AD-ADM1272-1ACPZ-RL Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1275 AD-ADM1275 Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1275-1ACPZ AD-ADM1275-1ACPZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
More results

Descripción similar - ADM1270CP-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
0RQB-S0M12X BEL-0RQB-S0M12X Datasheet
829Kb / 12P
   Input Under-voltage Protection High Efficiency
logo
Arch Electronics Corp.
BR300 ARCH-BR300 Datasheet
190Kb / 2P
   Input under Voltage Protection
POL10 ARCH-POL10 Datasheet
365Kb / 3P
   Input under Voltage Protection
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
   Input under Voltage Protection
BR130 ARCH-BR130_16 Datasheet
475Kb / 5P
   Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
   Input under Voltage Protection
BR45D ARCH-BR45D Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360_16 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com