Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM110N1BRZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADuM110N1BRZ
Descripción Electrónicos  3.0 kV RMS, Single-Channel Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM110N1BRZ Datasheet(HTML) 4 Page - Analog Devices

  ADuM110N1BRZ Datasheet HTML 1Page - Analog Devices ADuM110N1BRZ Datasheet HTML 2Page - Analog Devices ADuM110N1BRZ Datasheet HTML 3Page - Analog Devices ADuM110N1BRZ Datasheet HTML 4Page - Analog Devices ADuM110N1BRZ Datasheet HTML 5Page - Analog Devices ADuM110N1BRZ Datasheet HTML 6Page - Analog Devices ADuM110N1BRZ Datasheet HTML 7Page - Analog Devices ADuM110N1BRZ Datasheet HTML 8Page - Analog Devices ADuM110N1BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADuM110N
Data Sheet
Rev. 0 | Page 4 of 16
Table 2. Total Supply Current vs. Data Throughput—5 V Operation
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
Supply Current Side 1
IDD1
2.2
3.7
2.5
3.9
3.6
4.9
mA
Supply Current Side 2
IDD2
1.1
1.6
1.6
2.3
3.1
4.6
mA
ELECTRICAL CHARACTERISTICS—3.3 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.3 V. Minimum/maximum specifications apply over the entire recommended
operation range: 3.0 V ≤ VDD1 ≤ 3.6 V, 3.0 V ≤ VDD2 ≤ 3.6 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within PWD limit
Data Rate
150
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
4.8
6.8
14
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.7
3
ns
|tPLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
tPSK
7.0
ns
Between any two units at the same
temperature, voltage, and load
Jitter
290
ps p-p
See the Jitter Measurement section
45
ps rms
See the Jitter Measurement section
DC SPECIFICATIONS
Input Threshold
Logic High
VIH
0.7 × VDD1
V
Logic Low
VIL
0.3 × VDD1
V
Output Voltage
Logic High
VOH
VDD2 − 0.1
VDD2
V
IO = −20 μA, VI = VIH
VDD2 − 0.4
VDD2 − 0.2
V
IO = −2 mA, VI = VIH
Logic Low
VOL
0.0
0.1
V
IO = 20 μA, VI = VIL
0.2
0.4
V
IO = 2 mA, VI = VIL
Input Current per Channel
II
−10
+0.01
+10
μA
0 V ≤ VI ≤ VDD1
Quiescent Supply Current
IDD1 (Q)
0.8
1.3
mA
VI = 0 (N0), 1 (N1)1
IDD2 (Q)
0.9
1.4
mA
VI = 0 (N0), 1 (N1)1
IDD1 (Q)
3.6
5.8
mA
VI = 1 (N0), 0 (N1)1
IDD2 (Q)
0.9
1.4
mA
VI = 1 (N0), 0 (N1)1
Dynamic Supply Current
Dynamic Input
IDDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Dynamic Output
IDDO (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Undervoltage Lockout
UVLO
Positive VDDx Threshold
VDDxUV+
1.6
V
Negative VDDx Threshold
VDDxUV−
1.5
V
VDDx Hysteresis
VDDxUVH
0.1
V


Número de pieza similar - ADuM110N1BRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
logo
Texas Instruments
ADUM1100 TI-ADUM1100 Datasheet
668Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1100AR AD-ADUM1100AR Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADuM1100AR AD-ADuM1100AR Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
More results

Descripción similar - ADuM110N1BRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
   5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
   3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
ADN4624 AD-ADN4624 Datasheet
3Mb / 20P
   5.7 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com