Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM110N0BRZ Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADuM110N0BRZ
Descripción Electrónicos  3.0 kV RMS, Single-Channel Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM110N0BRZ Datasheet(HTML) 2 Page - Analog Devices

  ADuM110N0BRZ Datasheet HTML 1Page - Analog Devices ADuM110N0BRZ Datasheet HTML 2Page - Analog Devices ADuM110N0BRZ Datasheet HTML 3Page - Analog Devices ADuM110N0BRZ Datasheet HTML 4Page - Analog Devices ADuM110N0BRZ Datasheet HTML 5Page - Analog Devices ADuM110N0BRZ Datasheet HTML 6Page - Analog Devices ADuM110N0BRZ Datasheet HTML 7Page - Analog Devices ADuM110N0BRZ Datasheet HTML 8Page - Analog Devices ADuM110N0BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADuM110N
Data Sheet
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Operation................................ 3
 
Electrical Characteristics—3.3 V Operation ............................ 4
 
Electrical Characteristics—2.5 V Operation ............................ 5
 
Electrical Characteristics—1.8 V Operation ............................ 6
 
Insulation and Safety Related Specifications ............................ 7
 
Package Characteristics ............................................................... 7
 
Regulatory Information............................................................... 8
 
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics .............................................................................. 8
 
Recommended Operating Conditions .......................................9
 
Absolute Maximum Ratings ......................................................... 10
 
ESD Caution................................................................................ 10
 
Pin Configuration and Function Descriptions........................... 11
 
Typical Performance Characteristics ........................................... 12
 
Applications Information .............................................................. 13
 
Overview ..................................................................................... 13
 
PCB Layout ................................................................................. 13
 
Propagation Delay Related Parameters ................................... 14
 
Jitter Measurement..................................................................... 14
 
Insulation Lifetime ..................................................................... 14
 
Outline Dimensions ....................................................................... 16
 
Ordering Guide .......................................................................... 16
 
REVISION HISTORY
10/15—Revision 0: Initial Version


Número de pieza similar - ADuM110N0BRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
logo
Texas Instruments
ADUM1100 TI-ADUM1100 Datasheet
668Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1100AR AD-ADUM1100AR Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADuM1100AR AD-ADuM1100AR Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
More results

Descripción similar - ADuM110N0BRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
   5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
   3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
ADN4624 AD-ADN4624 Datasheet
3Mb / 20P
   5.7 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com