Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM130E1BRWZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADuM130E1BRWZ
Descripción Electrónicos  3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM130E1BRWZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM130E1BRWZ Datasheet HTML 4Page - Analog Devices ADuM130E1BRWZ Datasheet HTML 5Page - Analog Devices ADuM130E1BRWZ Datasheet HTML 6Page - Analog Devices ADuM130E1BRWZ Datasheet HTML 7Page - Analog Devices ADuM130E1BRWZ Datasheet HTML 8Page - Analog Devices ADuM130E1BRWZ Datasheet HTML 9Page - Analog Devices ADuM130E1BRWZ Datasheet HTML 10Page - Analog Devices ADuM130E1BRWZ Datasheet HTML 11Page - Analog Devices ADuM130E1BRWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADuM130D/ADuM130E/ADuM131D/ADuM131E
Data Sheet
Rev. A | Page 8 of 22
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Logic Low
VOL
0.0
0.1
V
IOx2 = 20 µA, VIx = VIxL4
0.2
0.4
V
IOx2 = 2 mA, VIx = VIxL4
Input Current per Channel
II
−10
+0.01
+10
µA
0 V ≤ VIx ≤ VDDx
VE2 Enable Input Pull-Up Current
IPU
−10
−3
µA
VE2 = 0 V
DISABLE1 Input Pull-Down Current
IPD
9
15
µA
DISABLE1 = VDDx
Tristate Output Current per Channel
IOZ
−10
+0.01
+10
µA
0 V ≤ VOx ≤ VDDx
Quiescent Supply Current
ADuM130D/ADuM130E
IDD1 (Q)
1.15
2.3
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD2 (Q)
1.58
2.6
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD1 (Q)
9.41
14.8
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
IDD2 (Q)
1.72
2.7
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
ADuM131D/ADuM131E
IDD1 (Q)
1.42
2.4
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD2 (Q)
1.44
2.4
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD1 (Q)
7.15
11.1
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
IDD2 (Q)
5.13
6.9
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
Dynamic Supply Current
Dynamic Input
IDDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Dynamic Output
IDDO (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Undervoltage Lockout
UVLO
Positive VDDx Threshold
VDDxUV+
1.6
V
Negative VDDx Threshold
VDDxUV−
1.5
V
VDDx Hysteresis
VDDxUVH
0.1
V
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity7
|CMH|
75
100
kV/µs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
|CML|
75
100
kV/µs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
1
150 Mbps is the highest data rate that can be guaranteed, although higher data rates are possible.
2
IOx is the Channel x output current, where x = A, B, or C.
3
VIxH is the input side logic high.
4
VIxL is the input side logic low.
5
VI is the voltage input.
6
E0 refers to the ADuM130E0/ADuM131E0 models, D0 refers to the ADuM130D0/ADuM131D0 models, E1 refers to the ADuM130E1/ADuM131E1 models, and D1 refers
to the ADuM130D1/ADuM131D1 models. See the Ordering Guide section.
7
|CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VO) > 0.8 VDDx. |CML| is the maximum common-
mode voltage slew rate that can be sustained while maintaining VOx > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode
voltage edges.
Table 8. Total Supply Current vs. Data Throughput
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
ADuM130D/ADuM130E
Supply Current Side 1
IDD1
5.2
8.6
5.8
9.3
8.1
12.2
mA
Supply Current Side 2
IDD2
1.7
3.5
2.5
4.3
5.2
7.3
mA
ADuM131D/ADuM131E
Supply Current Side 1
IDD1
4.3
7.0
4.9
7.7
7.26
10.0
mA
Supply Current Side 2
IDD2
3.3
5.5
4.0
6.2
6.5
8.6
mA


Número de pieza similar - ADuM130E1BRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1300 AD-ADUM1300 Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
ADUM1300ARW AD-ADUM1300ARW Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADuM1300ARW AD-ADuM1300ARW Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
More results

Descripción similar - ADuM130E1BRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com