Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM130E0BRWZ Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADuM130E0BRWZ
Descripción Electrónicos  3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM130E0BRWZ Datasheet(HTML) 2 Page - Analog Devices

  ADuM130E0BRWZ Datasheet HTML 1Page - Analog Devices ADuM130E0BRWZ Datasheet HTML 2Page - Analog Devices ADuM130E0BRWZ Datasheet HTML 3Page - Analog Devices ADuM130E0BRWZ Datasheet HTML 4Page - Analog Devices ADuM130E0BRWZ Datasheet HTML 5Page - Analog Devices ADuM130E0BRWZ Datasheet HTML 6Page - Analog Devices ADuM130E0BRWZ Datasheet HTML 7Page - Analog Devices ADuM130E0BRWZ Datasheet HTML 8Page - Analog Devices ADuM130E0BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADuM130D/ADuM130E/ADuM131D/ADuM131E
Data Sheet
Rev. A | Page 2 of 22
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Operation................................ 3
 
Electrical Characteristics—3.3 V Operation ............................ 4
 
Electrical Characteristics—2.5 V Operation ............................ 6
 
Electrical Characteristics—1.8 V Operation ............................ 7
 
Insulation and Safety Related Specifications ............................ 9
 
Package Characteristics ............................................................... 9
 
Regulatory Information............................................................. 10
 
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 11
 
Recommended Operating Conditions .................................... 12
 
Absolute Maximum Ratings ......................................................... 13
 
ESD Caution................................................................................ 13
 
Truth Tables................................................................................. 14
 
Pin Configurations and Function Descriptions ......................... 15
 
Typical Performance Characteristics ........................................... 17
 
Applications Information .............................................................. 18
 
Overview ..................................................................................... 18
 
Printed Circuit Board (PCB) Layout ....................................... 18
 
Propagation Delay Related Parameters ................................... 19
 
Jitter Measurement..................................................................... 19
 
Insulation Lifetime ..................................................................... 19
 
Outline Dimensions ....................................................................... 21
 
Ordering Guide .......................................................................... 22
 
REVISION HISTORY
11/15—Rev. 0 to Rev. A
Added 16-Lead, Narrow Body SOIC Package ................Universal
Changes to Title, Features Section, and General Description
Section................................................................................................ 1
Added Table 9; Renumbered Sequentially .................................... 9
Changes to Table 10 and Table 11 .................................................. 9
Added Table 12 ............................................................................... 10
Changes to Table 13........................................................................ 10
Changes to Table 15 Title............................................................... 12
Added Figure 5; Renumbered Sequentially ................................ 12
Changes to Table 17 and Table 19 ................................................ 13
Added Table 18 ............................................................................... 13
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 22
7/15—Revision 0: Initial Version


Número de pieza similar - ADuM130E0BRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1300 AD-ADUM1300 Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
ADUM1300ARW AD-ADUM1300ARW Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADuM1300ARW AD-ADuM1300ARW Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
More results

Descripción similar - ADuM130E0BRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com