Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM225N0BRIZ-RL Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADuM225N0BRIZ-RL
Descripción Electrónicos  5.0 kV RMS Dual Channel Digital Isolators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM225N0BRIZ-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM225N0BRIZ-RL Datasheet HTML 6Page - Analog Devices ADuM225N0BRIZ-RL Datasheet HTML 7Page - Analog Devices ADuM225N0BRIZ-RL Datasheet HTML 8Page - Analog Devices ADuM225N0BRIZ-RL Datasheet HTML 9Page - Analog Devices ADuM225N0BRIZ-RL Datasheet HTML 10Page - Analog Devices ADuM225N0BRIZ-RL Datasheet HTML 11Page - Analog Devices ADuM225N0BRIZ-RL Datasheet HTML 12Page - Analog Devices ADuM225N0BRIZ-RL Datasheet HTML 13Page - Analog Devices ADuM225N0BRIZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADuM220N/ADuM221N/ADuM225N/ADuM226N
Data Sheet
Rev. 0 | Page 10 of 23
REGULATORY INFORMATION
See Table 18 and Table 19 and the Insulation Lifetime section for details regarding recommended maximum working voltages for specific
cross isolation waveforms and insulation levels.
The ADuM220N/ADuM221N are approved or pending approval by the organizations listed in Table 13.
Table 13.
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under UL 1577
Component Recognition
Program1
Approved under CSA Component
Acceptance Notice 5A
DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Certified by
CQC11-471543-2012
Single Protection, 5000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1
second edition +A1+A2:
Reinforced insulation, 849 V peak,
VIOSM = 10,000 V peak
GB4943.1-2011
Basic insulation at 780 V rms (1103 V peak)
Basic insulation 849 V peak,
VIOSM = 16,000 V peak
Basic insulation at
780 V rms (1103 V peak)
Reinforced insulation at 390 V rms
(552 V peak)
Double Protection,
5000 V rms Isolation
Voltage
IEC 60601-1 Edition 3.1:
Reinforced insulation
at 389 V rms (552 V
peak)
Basic insulation (1 means of patient
protection (MOPP)), 490 V rms (686 V peak)
Reinforced insulation (2 MOPP), 238 V rms
(325 V peak)
CSA 61010-1-12 and IEC 61010-1 third edition:
Basic insulation at 300 V rms mains, 780 V
secondary (1103 V peak)
Reinforced insulation at: 300 V rms mains,
390 V secondary (552 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1
In accordance with UL 1577, each ADuM220N/ADuM221N is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 sec.
2
In accordance with DIN V VDE V 0884-10, each ADuM220N/ADuM221N is proof tested by applying an insulation test voltage ≥ 1592 V peak for 1 sec (partial discharge
detection limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.
The ADuM225N/ADuM226N are approved or pending approval by the organizations listed in Table 14.
Table 14.
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
UL 1577 Component
Recognition Program1
Approved under CSA Component Acceptance
Notice 5A
DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Certified by
CQC11-471543-2012
Single Protection, 5000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1 second
edition +A1+A2:
Reinforced insulation, 849 V
peak, VIOSM = 10,000 V peak
GB4943.1-2011
Basic insulation at 800 V rms (1131 V peak)
Basic insulation 849 V peak,
VIOSM = 16,000 V peak
Basic insulation at
800 V rms (1131 V peak)
Reinforced insulation at 400 V rms (565 V peak)
Double Protection,
5000 V rms Isolation
Voltage
IEC 60601-1 Edition 3.1:
Reinforced insulation at
400 V rms (565 Vpeak)
Basic insulation (1 MOPP), 500 V rms (707 V peak)
Reinforced insulation (2 MOPP), 250 V rms
(1414 V peak)
CSA 61010-1-12 and IEC 61010-1 third edition:
Basic insulation at 300 V rms mains, 800 V
secondary (1089 V peak)
Reinforced insulation at: 300 V rms mains, 400 V
secondary (565 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1
In accordance with UL 1577, each ADuM225N/ADuM226N is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 sec.
2
In accordance with DIN V VDE V 0884-10, each ADuM225N/ADuM226N is proof tested by applying an insulation test voltage ≥ 1592 V peak for 1 sec (partial discharge
detection limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.


Número de pieza similar - ADuM225N0BRIZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM225N0BRIZ-RL AD-ADUM225N0BRIZ-RL Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results

Descripción similar - ADuM225N0BRIZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com