Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM1246ARZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADuM1246ARZ
Descripción Electrónicos  Micropower, Dual-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM1246ARZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM1246ARZ Datasheet HTML 6Page - Analog Devices ADuM1246ARZ Datasheet HTML 7Page - Analog Devices ADuM1246ARZ Datasheet HTML 8Page - Analog Devices ADuM1246ARZ Datasheet HTML 9Page - Analog Devices ADuM1246ARZ Datasheet HTML 10Page - Analog Devices ADuM1246ARZ Datasheet HTML 11Page - Analog Devices ADuM1246ARZ Datasheet HTML 12Page - Analog Devices ADuM1246ARZ Datasheet HTML 13Page - Analog Devices ADuM1246ARZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADuM1240/ADuM1241/ADuM1245/ADuM1246
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 17.
Parameter
Rating
Storage Temperature (TST) Range
−65°C to +150°C
Ambient Operating Temperature
(TA) Range
−40°C to +125°C
Supply Voltages (VDD1, VDD2)
−0.5 V to +5 V
Input Voltages (VIA, VIB )
−0.5 V to VDDI + 0.5 V
Output Voltages (VOA, VOB)
−0.5 V to VDD2 + 0.5 V
Average Output Current per Pin1
Side 1 (IO1)
−10 mA to +10 mA
Side 2 (IO2)
−10 mA to +10 mA
Common-Mode Transients2
−100 kV/μs to +100 kV/μs
1
See Figure 4 for maximum rated current values for various temperatures.
2
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause
latch-up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
CONTINUOUS WORKING VOLTAGE
Table 18. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC Voltage
Bipolar Waveform
565
V peak
50-year minimum
lifetime
Unipolar Waveform
1131
V peak
50-year minimum
lifetime
DC Voltage
1131
V peak
50-year minimum
lifetime
1
Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION
Rev. A | Page 10 of 24


Número de pieza similar - ADuM1246ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1246ARZ AD-ADUM1246ARZ Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1246ARZ-RL7 AD-ADUM1246ARZ-RL7 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
More results

Descripción similar - ADuM1246ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1440 AD-ADUM1440 Datasheet
440Kb / 24P
   Micropower Quad-Channel Digital Isolators
REV. 0
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com