Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM3153BRSZ-RL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADuM3153BRSZ-RL7
Descripción Electrónicos  3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM3153BRSZ-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuM3153BRSZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM3153BRSZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM3153BRSZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM3153BRSZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM3153BRSZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM3153BRSZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM3153BRSZ-RL7 Datasheet HTML 11Page - Analog Devices ADuM3153BRSZ-RL7 Datasheet HTML 12Page - Analog Devices ADuM3153BRSZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
ADuM3151/ADuM3152/ADuM3153
ELECTRICAL CHARACTERISTICS—MIXED 3.3 V/5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = 3.3 V, and VDD2 = 5 V. Minimum and maximum specifications apply over the entire
recommended operation range: 3.0 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching
specifications are tested with CL =15 pF and CMOS signal levels, unless otherwise noted.
Table 10. Switching Specifications
Parameter
Symbol
A Grade
B Grade
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
MCLK, MO, SO
SPI Clock Rate
SPIMCLK
1
15.6
MHz
Data Rate Fast (MO, SO)
DRFAST
2
34
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
27
16
ns
50% input to 50% output
Pulse Width
PW
100
12.5
ns
Within PWD limit
Pulse Width Distortion
PWD
3
3
ns
|tPLH − tPHL|
Codirectional Channel Matching1
tPSKCD
5
2
ns
Jitter, High Speed
JHS
1
1
ns
MSS
Data Rate Fast
DRFAST
2
34
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
27
27
ns
50% input to 50% output
Pulse Width
PW
100
12.5
ns
Within PWD limit
Pulse Width Distortion
PWD
2
3
ns
|tPLH − tPHL|
Setup Time2
MSSSETUP
1.5
10
ns
Jitter, High Speed
JHS
1
1
ns
VIA, VIB, VIC
Data Rate
DRSLOW
250
250
kbps
Within PWD limit
Propagation Delay
tPHL, tPLH
0.1
2.6
0.1
2.6
µs
50% input to 50% output
Pulse Width
PW
4
4
µs
Within PWD limit
Jitter, Low Speed
JLS
2.5
2.5
µs
|tPLH − tPHL|
VIx3 Minimum Input Skew4
tVIx SKEW3
10
10
ns
1
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier.
2
The MSS signal is glitch filtered in both speed grades, whereas the other fast signals are not glitch filtered in the B grade. To guarantee that MSS reaches the output
ahead of another fast signal, it must be set up prior to the competing signal by different times depending on speed grade.
3
VIx = VIA, VIB, or VIC.
4
An internal asynchronous clock not available to users samples the low speed signals. If edge sequence in codirectional channels is critical to the end application, the
leading pulse must be at least 1 tVIx SKEW time ahead of a later pulse to guarantee the correct order or simultaneous arrival at the output.
Table 11. Supply Current
Device Number
Symbol
1 MHz, A Grade/B Grade
17 MHz, B Grade
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
ADuM3151
IDD1
2.8
6.5
10.5
18
mA
CL = 0 pF, low speed channels
IDD2
6.0
10.5
13.0
23
mA
CL = 0 pF, low speed channels
ADuM3152
IDD1
3.5
6
11.7
18
mA
CL = 0 pF, low speed channels
IDD2
6.5
10.5
13.4
22.5
mA
CL = 0 pF, low speed channels
ADuM3153
IDD1
2.8
5.5
11.7
18
mA
CL = 0 pF, low speed channels
IDD2
6.0
12
13.4
21
mA
CL = 0 pF, low speed channels
Rev. A | Page 9 of 22


Número de pieza similar - ADuM3153BRSZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM3153BRSZ-RL7 AD-ADUM3153BRSZ-RL7 Datasheet
421Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
More results

Descripción similar - ADuM3153BRSZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM3151 AD-ADUM3151_V01 Datasheet
421Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM4151 AD-ADUM4151 Datasheet
447Kb / 22P
   5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
ADUM4151 AD-ADUM4151_V01 Datasheet
425Kb / 22P
   5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM3154 AD-ADUM3154_V01 Datasheet
381Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM3154 AD-ADUM3154 Datasheet
412Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
ADUM3150 AD-ADUM3150_V01 Datasheet
415Kb / 21P
   3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3150 AD-ADUM3150 Datasheet
414Kb / 21P
   3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
ADUM4154 AD-ADUM4154_V01 Datasheet
410Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com