Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM131E1BRWZ-RL Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADuM131E1BRWZ-RL
Descripción Electrónicos  3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM131E1BRWZ-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM131E1BRWZ-RL Datasheet HTML 6Page - Analog Devices ADuM131E1BRWZ-RL Datasheet HTML 7Page - Analog Devices ADuM131E1BRWZ-RL Datasheet HTML 8Page - Analog Devices ADuM131E1BRWZ-RL Datasheet HTML 9Page - Analog Devices ADuM131E1BRWZ-RL Datasheet HTML 10Page - Analog Devices ADuM131E1BRWZ-RL Datasheet HTML 11Page - Analog Devices ADuM131E1BRWZ-RL Datasheet HTML 12Page - Analog Devices ADuM131E1BRWZ-RL Datasheet HTML 13Page - Analog Devices ADuM131E1BRWZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADuM130D/ADuM130E/ADuM131D/ADuM131E
Data Sheet
Rev. A | Page 10 of 22
REGULATORY INFORMATION
See Table 19 and the Insulation Lifetime section for details regarding recommended maximum working voltages for specific cross-
isolation waveforms and insulation levels.
Table 12. R-16 Narrow Body [SOIC_N] Package
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under UL 1577
Component Recognition
Program1
Approved under CSA Component
Acceptance Notice 5A
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10):2006-122
Certified under
CQC11-471543-2012
Single Protection, 3000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC
60950-1, second edition, +A1+A2:
Reinforced insulation, VIORM =
565 V peak, VIOSM = 6000 V peak
GB4943.1-2011:
Double Protection, 3000 V rms
Isolation Voltage
Basic insulation at 400 V rms
(565 V peak)
Basic insulation, VIORM = 565 V peak,
VIOSM = 10 kV peak
Basic insulation at
770 V rms (1089 V peak)
Reinforced insulation at 200 V rms
(283 V peak)
Reinforced insulation at
385 V rms (545 V peak)
IEC 60601-1 Edition 3.1: Basic
insulation (one means of patient
protection (1 MOPP)), 250 V rms
(354 V peak)
Tropical climate, altitude
≤5000 m
CSA 61010-1-12 and IEC 61010-1
third edition:
Basic insulation at 300 V rms mains,
400 V rms secondary (565 V peak)
Reinforced insulation at 300 V rms
mains, 200 V secondary (282 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1
In accordance with UL 1577, each ADuM130D/ADuM130E/ADuM131D/ADuM131E in the R-16 narrow body [SOIC_N] package is proof tested by applying an insulation
test voltage ≥ 3600 V rms for 1 sec.
2
In accordance with DIN V VDE V 0884-10, each ADuM130D/ADuM130E/ADuM131D/ADuM131E in the R-16 narrow body [SOIC_N] package is proof tested by applying an
insulation test voltage ≥ 1059 V peak for 1 sec (partial discharge detection limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.
Table 13. RW-16 Wide Body [SOIC_W] Package
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under UL 1577
Component Recognition
Program1
Approved under CSA Component
Acceptance Notice 5A
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10):2006-122
Certified under
CQC11-471543-2012
Single Protection, 3750 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1,
second edition, +A1+A2:
Reinforced insulation, VIORM =
849 V peak, VIOSM = 6000 V peak
GB4943.1-2011
Double Protection, 3750 V rms
Isolation Voltage
Basic insulation at 780 V rms
(1103 V peak)
Basic insulation, VIORM = 849 V peak,
VIOSM = 10 kV peak
Basic insulation at
780 V rms (1103 V peak)
Reinforced insulation at 390 V rms
(552 V peak)
Reinforced insulation at
390 V rms (552 V peak)
IEC 60601-1 Edition 3.1: basic insulation
(1 means of patient protection (MOPP)),
490 V rms (693 V peak)
Tropical climate,
altitude ≤5000 m
CSA 61010-1-12 and IEC 61010-1 third
edition:
Basic insulation at 300 V rms mains, 780V
secondary (1103 V peak)
Reinforced insulation at 300 V rms mains,
390 V secondary (552 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1
In accordance with UL 1577, each ADuM130D/ADuM130E/ADuM131D/ADuM131E in the RW-16 wide body [SOIC_W] package is proof tested by applying an insulation
test voltage ≥ 4500 V rms for 1 sec.
2
In accordance with DIN V VDE V 0884-10, each ADuM130D/ADuM130E/ADuM131D/ADuM131E in the RW-16 wide body [SOIC_W] package is proof tested by applying an
insulation test voltage ≥ 1592 V peak for 1 sec (partial discharge detection limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.


Número de pieza similar - ADuM131E1BRWZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1310 AD-ADUM1310 Datasheet
377Kb / 16P
   Triple-Channel Digital Isolator with Programmable Default Output
Rev. E
ADUM1310 AD-ADUM1310 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1310 AD-ADUM1310 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1310ARWZ-RL1 AD-ADUM1310ARWZ-RL1 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1310ARWZ-RL1 AD-ADUM1310ARWZ-RL1 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
More results

Descripción similar - ADuM131E1BRWZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com