Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP-21583 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADSP-21583
Descripción Electrónicos  SHARC plus Dual Core DSP with ARM Cortex-A5
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-21583 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-21583 Datasheet HTML 3Page - Analog Devices ADSP-21583 Datasheet HTML 4Page - Analog Devices ADSP-21583 Datasheet HTML 5Page - Analog Devices ADSP-21583 Datasheet HTML 6Page - Analog Devices ADSP-21583 Datasheet HTML 7Page - Analog Devices ADSP-21583 Datasheet HTML 8Page - Analog Devices ADSP-21583 Datasheet HTML 9Page - Analog Devices ADSP-21583 Datasheet HTML 10Page - Analog Devices ADSP-21583 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 7 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
L1 Memory
The ADSP-SC58x/ADSP-2158x memory structure is shown in
Figure 5 on Page 8. Each SHARC+ core has a tightly coupled
Level 1 (L1) SRAM of up to 5 Mbits. Each SHARC+ core can
access code and data in a single cycle from this memory space.
The ARM Cortex-A5 core can also access these memory spaces
with multi-cycle accesses.
In the SHARC+ core private address space, both cores have
their own L1 memory.
SHARC+ core MMR address space is 0x 0000 0000-0x0003
FFFF in Normal Word (32-bit). Each block can be configured
for different combinations of code and data storage. Of the 5M
bits SRAM, up to 1024K bits can be configured for DM, PM,
and instruction cache. Each memory block supports single
cycle, independent accesses by the core processor and I/O pro-
cessor. The memory architecture, in combination with its
separate on-chip buses, allows two data transfers from the core
and one from the I/O processor in a single cycle. The proces-
sor’s SRAM can be configured as a maximum of 160K words of
32-bit data, 320K words of 16-bit data, 106.7K words of 48-bit
instructions (or 40-bit data), or combinations of different word
sizes up to 5 M bits. All of the memory can be accessed as 8-bit,
16-bit, 32-bit, 48-bit, or 64-bit words. A 16-bit floating-point
storage format is supported that effectively doubles the amount
of data that may be stored on chip.
Conversion between the 32-bit floating-point and 16-bit float-
ing-point formats is performed in a single instruction. While
each memory block can store combinations of code and data,
accesses are most efficient when one block stores data using the
DM bus for transfers, and the other block stores instructions
and data using the PM bus for transfers.
Using the DM bus and PM buses, with one bus dedicated to a
memory block, assures single-cycle execution with two data
transfers. In this case, the instruction must be available in the
cache. The system configuration is flexible, but a configuration
is 512K bits DM, 128K bits PM, and 128K bits of cache, with the
remaining L1 memory configured as SRAM is typical. Each
addressable memory space outside the L1 memory can be
accessed either directly or via cache.
Figure 4. SHARC+ SIMD Core Block Diagram
S
SIMD Core
+
11-STAGE
PROGRAM SEQUENCER
PM ADDRESS 32
PM DATA 64
DM DATA 64
DM ADDRESS 32
DAG1
16 × 32
MRF
80-BIT
ALU
MULTIPLIER
SHIFTER
PEX
DATA
REGISTER
Rx
16 × 40-BIT
DMD/PMD 64
ASTATx
STYKx
ASTATy
STYKy
PEY
DATA
REGISTER
Sx
16 × 40-BIT
MRB
80-BIT
MSB
80-BIT
MSF
80-BIT
DAG2
16 × 32
ALU
MULTIPLIER
SHIFTER
DATA
SWAP
SYSTEM
I/F
USTAT
PX
PM ADDRESS 24
PM DATA 48
DEBUG
TRACE
FLAGS
CEC
BTB
BP
CONFLICT
CACHE
TO
IMIF


Número de pieza similar - ADSP-21583

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-21583 AD-ADSP-21583 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21583BBCZ-4A AD-ADSP-21583BBCZ-4A Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21583CBCZ-4A AD-ADSP-21583CBCZ-4A Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21583KBCZ-4A AD-ADSP-21583KBCZ-4A Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21583W AD-ADSP-21583W Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
More results

Descripción similar - ADSP-21583

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
   SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
   ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
List of Unclassifed Man...
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
DE10-NANO ETC-DE10-NANO Datasheet
7Mb / 118P
   Cyclone V SoC with Dual-core ARM Cortex-A9
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
   Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com