Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SLF7032T-681MR16-2PF Datasheet(PDF) 3 Page - TDK Electronics |
|
SLF7032T-681MR16-2PF Datasheet(HTML) 3 Page - TDK Electronics |
3 / 9 page (3/9) INDUC T O RS 20160411 / inductor_commercial_power_slf7032_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. Inductors for Power Circuits Wound Ferrite FEATURES Magnetic shield type wound inductor for power circuits. Product lineup allows for various usages. APPLICATION Thin-screen TV, LCDs, AV equipment, gaming equipment, other electrical devices PART NUMBER CONSTRUCTION OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT Operating temperature range includes self-temperature rise. The Storage temperature range is for after the circuit board is mounted. Product compatible with RoHS directive Compatible with lead-free solders Overview of SLF7032 Type SLF 7032 T - 3R3 M 1R9 - PF Series name L×W×H Dimensions Packaging style Inductance Inductance tolerance Rated current Internal code (mm) (μH) (A) 7032 7.0×7.0×3.2 T Taping 3R3 3.3 M ±20% R47 0.47 100 10 N ±30% 1R9 1.9 101 100 150 15 Type Temperature range Package quantity Individual weight Operating temperature (°C) Storage temperature (°C) (pieces/reel) (g) SLF7032 –40 to +105 –40 to +105 1000 0.4 RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/ |
Número de pieza similar - SLF7032T-681MR16-2PF |
|
Descripción similar - SLF7032T-681MR16-2PF |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |