Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG819 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG819
Descripción Electrónicos  0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG819 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG819 Datasheet HTML 3Page - Analog Devices ADG819 Datasheet HTML 4Page - Analog Devices ADG819 Datasheet HTML 5Page - Analog Devices ADG819 Datasheet HTML 6Page - Analog Devices ADG819 Datasheet HTML 7Page - Analog Devices ADG819 Datasheet HTML 8Page - Analog Devices ADG819 Datasheet HTML 9Page - Analog Devices ADG819 Datasheet HTML 10Page - Analog Devices ADG819 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
ADG819/ADG820
–7–
VS – V
250
0
3.0
150
0
–100
–150
–200
VDD = 3V
1.0
2.0
4.0
5.0
TA = 25 C
200
100
50
–50
2.5
0.5
1.5
3.5
4.5
VDD = 5V
TPC 7. Charge Injection vs. Source Voltage
FREQUENCY – MHz
0
0.1
–20
–50
–70
–80
–90
2
–10
–30
–40
–60
1
VDD = 5V, 3V
TA = 25 C
TPC 8. OFF Isolation vs. Frequency
FREQUENCY – MHz
0
0.1
–20
–50
–70
–80
–90
2
–10
–30
–40
–60
1
TPC 9. Crosstalk vs. Frequency
FREQUENCY – MHz
0
0.2
–2
–5
–6
10
–1
–3
–4
1
1
30
VDD = 3V, 5V
TA = 25 C
TPC 10. ON Response vs. Frequency
VDD – V
1.6
0
1.2
0.6
0.4
2
1.4
1.0
0.8
1
1.8
3
TA = 25 C
0.2
0
456
RISING
FALLING
TPC 11. Logic Threshold vs. Supply Voltage


Número de pieza similar - ADG819

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG819 AD-ADG819 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG819BCB AD-ADG819BCB Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819BCBZ-REEL AD-ADG819BCBZ-REEL Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG819BCBZ-REEL7 AD-ADG819BCBZ-REEL7 Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
More results

Descripción similar - ADG819

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com