Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD24-20-700 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

No. de pieza LD24-20-700
Descripción Electrónicos  Constant Current Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LD24-20-700 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LD24-20-700 Datasheet HTML 1Page - MicroPower Direct, LLC LD24-20-700 Datasheet HTML 2Page - MicroPower Direct, LLC LD24-20-700 Datasheet HTML 3Page - MicroPower Direct, LLC LD24-20-700 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection: DC/DC Input
Model
Number
Input
Output
Maximum
Power
(W)
Ripple &
Noise
(mV P-P, Max)
Efficiency
(%, Max)
Package
Voltage (VDC)
Voltage (VDC)
Current
Range
Range
Max (mA)
Accuracy (%)
LD24-04-150
7.0 - 30.0
2.0 - 28.0
150
±10
4.2
200
95
14 -Pin DIP
LD24-07-250
7.0 - 30.0
2.0 - 28.0
250
±8
7
200
95
14 -Pin DIP
LD24-08-300
7.0 - 30.0
2.0 - 28.0
300
±6
8
200
95
14 -Pin DIP
LD24-08-350
7.0 - 30.0
2.0 - 28.0
350
±5
8
200
95
14 -Pin DIP
LD24-14-500
7.0 - 30.0
2.0 - 28.0
500
±6
14
250
95
16 -Pin DIP
LD24-17-600
7.0 - 30.0
2.0 - 28.0
600
±7
17
250
95
16 -Pin DIP
LD24-20-700
7.0 - 30.0
2.0 - 28.0
700
±7
20
250
95
16 -Pin DIP
LD24-24-1000
7.0 - 30.0
2.0 - 28.0
1,000
±7
24
300
95
16 -Pin DIP
Notes:
1. A reversed power source could damage the unit.
4. The VADJ input should be left open if not used. Grounding VADJ will shut the unit
down. Connecting VADJ to VIN may damage the unit.
2. No connection should be made between input ground and the output.
3. These are step-down devices, the maximum output open voltage is
equal to the input voltage.
5. Exceeding the specified maximum output power could cause damage to the unit.
Typical Connection: AC/DC Input
Connection Notes:
To comply with EN61000-4-5, a TVS should be installed before the input filter components. A 3.0SMCJ24A or SMCJ24A is recommended. The TVS max clamping voltage (@max peak pulse
current VC) must be
40V. Exceeding the maximum input rating could damage the driver.
The filter shown (C1, C2 and L1) will help to meet conducted emission requirements. With the addition of the filter, the unit should meet the levels of EN 55015.
Connection Notes:
This is a distributed (or two-stage) AC connection. In this configuration, the AC line in (90 to 264 VAC) is connected to the MPM-30D-15IS, a compact 30W AC/DC power
supply. The MPM-30D-15IS is connected across its ±15 VDC outputs to provide a tightly regulated 30 VDC output at 1A. The 30 VDC output powers the LED driver.
The two stage approach can simplify the safety approval process (most AC/DC power supplies on the market are approved to EN 60950) and may increase design flex-
ibility. Besides the output power, other specifications to consider when selecting the input AC/DC supply would include input range, safety approvals, PFC rating (which
may be needed for various system energy ratings) and operating temperature range.
Note: The output current adjustment circuit shown in both connection diagrams is discussed on page 4.


Número de pieza similar - LD24-20-700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MicroPower Direct, LLC
LD24-20-700 MPD-LD24-20-700 Datasheet
632Kb / 4P
   Compact, Wide Input Constant Current DC/DC LED Drivers
LD24-20-700W(A) MPD-LD24-20-700W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-20-700W(A) MPD-LD24-20-700W(A) Datasheet
614Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
More results

Descripción similar - LD24-20-700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com