Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD24-20-700 Datasheet(PDF) 4 Page - MicroPower Direct, LLC

No. de pieza LD24-20-700
Descripción Electrónicos  Constant Current Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LD24-20-700 Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  LD24-20-700 Datasheet HTML 1Page - MicroPower Direct, LLC LD24-20-700 Datasheet HTML 2Page - MicroPower Direct, LLC LD24-20-700 Datasheet HTML 3Page - MicroPower Direct, LLC LD24-20-700 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Mechanical Dimensions - 16 Pin DIP
Analog Output Current Control
Analog Output Current Control (7 - 30 VDC IN)
Mechanical Dimensions - 14 Pin DIP
Pin Connections - 16 Pin DIP
Pin
Function
1-VIN
-DC Supply
9
+LED
LED Anode Conn.
2-VIN
-DC Supply
10
+LED
LED Anode Conn.
3VADJ
PWM, On/Off
15
+VIN
+DC Supply
7
-LED LED Cathode Conn.
16
+VIN
+DC Supply
8
-LED LED Cathode Conn.
Pin Connections - 14 Pin DIP
Pin
Function
1-VIN
-DC Supply
8
+LED
LED Anode Conn.
2VADJ
PWM, On/Off
14
+VIN
+DC Supply
7
-LED LED Cathode Conn.
In the second circuit, the input DC/DC has been changed to
the F2506RU. The 4:1 input of the converter allows for wider
input bus levels (in this case 24 VDC). The POL regulator
is also replaced by the shunt regulator (D1). The regulator,
connected in parallel with the resistor network, will maintain
the voltage across R2 and R3 at 2.5 VDC, insuring that the
1.25 VDC limit on the VADJ pin will not be exceeded.
When using the analog control input, the nominal output
current is equal to:
.
II
x
V
125
NOM
MAX
ADJ
=
The VADJ input should be left open if not used. Grounding
VADJ will shut the unit down. Connecting VADJ to directly
to +VIN may damage the unit.
The output current of the unit can also be set by
adjusting the voltage level on the VADJ input to a
value between 0.3V to 1.25V (IOUT will vary from
25% to 100% of rated output current). Care must
be taken not to exceed 1.25V on this input, or the
driver may be damaged.
The simple analog circuit at left uses the F2506RW,
a 30W, dual 15V output DC/DC converter. Operating
from an input line of 12 VDC, the converter sets the
input to the LED driver at 30 VDC.
The POL regulator, driven off the same input line
maintains the control voltage (for the VADJ input) at
5 VDC. The resister network of R1 and R2 can now
be used to set the output current level of the LED
driver. This level is equal to:
V
RR
R
XV
12
2
ADJ
CTRL
=
+


Número de pieza similar - LD24-20-700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MicroPower Direct, LLC
LD24-20-700 MPD-LD24-20-700 Datasheet
632Kb / 4P
   Compact, Wide Input Constant Current DC/DC LED Drivers
LD24-20-700W(A) MPD-LD24-20-700W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-20-700W(A) MPD-LD24-20-700W(A) Datasheet
614Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
More results

Descripción similar - LD24-20-700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com