Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB080P06N6 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

No. de pieza MTB080P06N6
Descripción Electrónicos  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080P06N6 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTB080P06N6 Datasheet HTML 1Page - Cystech Electonics Corp. MTB080P06N6 Datasheet HTML 2Page - Cystech Electonics Corp. MTB080P06N6 Datasheet HTML 3Page - Cystech Electonics Corp. MTB080P06N6 Datasheet HTML 4Page - Cystech Electonics Corp. MTB080P06N6 Datasheet HTML 5Page - Cystech Electonics Corp. MTB080P06N6 Datasheet HTML 6Page - Cystech Electonics Corp. MTB080P06N6 Datasheet HTML 7Page - Cystech Electonics Corp. MTB080P06N6 Datasheet HTML 8Page - Cystech Electonics Corp. MTB080P06N6 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C069N6
Issued Date : 2016.03.24
Revised Date : 2016.04.15
Page No. : 1/9
MTB080P06N6
CYStek Product Specification
P-Channel Enhancement Mode Power MOSFET
MTB080P06N6
BVDSS
-60V
ID@VGS=-4.5V, TC=25°C
-3.8A
ID@VGS=-4.5V, TA=25°C
-3.0A
VGS=-10V, ID=-3A
79mΩ
RDSON(TYP)
VGS=-4.5V, ID=-2.7A 107mΩ
Features
Equivalent Circuit
• Simple drive requirement
MTB080P06N6
G:Gate S:Source D:Drain
• Low on-resistance
• Small package outline
• Pb-free lead plating and halogen-free package
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-60
Gate-Source Voltage
VGS
±20
V
TC=25
°C, VGS=-10V
-3.8
TC=70
°C, VGS=-10V
-3.0
TA=25
°C, VGS=-10V (Note 1)
-3.0
Continuous Drain Current
TA=70
°C, VGS=-10V (Note 1)
ID
-2.4
Pulsed Drain Current (Note 2, 3)
IDM
-40
A
TC=25
°C
3.1
TC=70
°C
2.0
TA=25
°C
(Note 1)
2.0
Total Power Dissipation
TA=70
°C
(Note 1)
PD
1.25
W
Operating Junction Temperature and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
40
Thermal Resistance, Junction-to-ambient, max (Note 1)
RθJA
62.5
°C/W
Note : 1.Surface mounted on 1 in² copper pad of FR-4 board, t≤5 sec. 156 /W when mounted on minimum copper pad.
2.Pulse width limited by maximum junction temperature.
3.Pulse Width
≤300μs, Duty Cycle≤2%


Número de pieza similar - MTB080P06N6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB080P06N3 CYSTEKEC-MTB080P06N3 Datasheet
461Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB080P06N3-0-T1-G CYSTEKEC-MTB080P06N3-0-T1-G Datasheet
461Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

Descripción similar - MTB080P06N6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com